Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0MLL6R Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0MLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0MLL6R Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0MLL6R Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
64
3.15.2
Flash memory power supply DC characteristics
Table 32 shows the power supply DC characteristics on external supply.
Table 30. Flash memory module life
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
P/E
C Number of program/erase cycles per
block for 16 KB blocks over the operating
temperature range (TJ)
—
100,000
—
cycles
P/E
C Number of program/erase cycles per
block for 32 KB blocks over the operating
temperature range (TJ)
—
10,000 100,000 cycles
P/E
C Number of program/erase cycles per
block for 128 KB blocks over the operating
temperature range (TJ)
—
1,000
100,000 cycles
Retention C Minimum data retention at 85 °C average
ambient temperature1
1 Ambient temperature averaged over duration of application, not to exceed recommended product operating
temperature range.
Blocks with 0–1,000 P/E cycles
20
—
years
Blocks with 10,000 P/E cycles
10
—
years
Blocks with 100,000 P/E cycles
5
—
years
Table 31. Flash memory read access timing
Symbol C
Parameter
Conditions1
1 VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Max value
Unit
fmax
C Maximum working frequency for code flash memory at given
number of wait states in worst conditions
2 wait states
66
MHz
0 wait states
18
fmax
C Maximum working frequency for data flash memory at given
number of wait states in worst conditions
8 wait states
66
MHz
Table 32. Flash memory power supply DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
IFLPW CC D Sum of the current consumption on VDD_HV_IOx
and VDD_LV_CORx during low-power mode
Code flash memory
—
—
900
µA
IFPWD CC D Sum of the current consumption on VDD_HV_IOx
and VDD_LV_CORx during power-down mode
Code flash memory
—
—
150
µA
Data flash memory
—
—
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com