Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0MLL6R Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0MLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0MLL6R Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SPC5601PEF0MLL6R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
5
Figure 1. MPC5602P block diagram
SRAM
(with ECC)
Slave
Slave
Slave
Code Flash
(with ECC)
Data Flash
(with ECC)
e200z0 Core
32-bit
general
purpose
registers
Special
purpose
registers
Integer
execution
unit
Exception
handler
Variable
length
encoded
instructions
Instruction
unit
Load/store
unit
Branch
prediction
unit
JTAG
1.2 V regulator
control
XOSC
16 MHz
RC oscillator
FMPLL_0
(System)
Nexus port
controller
Interrupt
controller
eDMA
16 channels
Master
Master
Instruction
32-bit
Master
Data
32-bit
Crossbar switch (XBAR, AMBA 2.0 v6 AHB)
Peripheral bridge
Legend:
ADC
Analog-to-digital converter
BAM
Boot assist module
CRC
Cyclic redundancy check
CTU
Cross triggering unit
DSPI
Deserial serial peripheral interface
ECSM
Error correction status module
eDMA
Enhanced direct memory access
eTimer
Enhanced timer
FCU
Fault collection unit
Flash
Flash memory
FlexCAN
Controller area network
FlexPWM Flexible pulse width modulation
FMPLL
Frequency-modulated phase-locked loop
INTC
Interrupt controller
JTAG
JTAG controller
LINFlex
Serial communication interface (LIN support)
MC_CGM Clock generation module
MC_ME
Mode entry module
MC_PCU Power control unit
MC_RGM Reset generation module
PIT
Periodic interrupt timer
SIUL
System Integration unit Lite
SRAM
Static random-access memory
SSCM
System status and configuration module
STM
System timer module
SWT
Software watchdog timer
WKPU
Wakeup unit
XOSC
External oscillator
XBAR
Crossbar switch
External ballast
Nexus 1
eDMA
16 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com