Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002-2AC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT6002-2AC
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-2AC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT6002-2AC Datasheet HTML 5Page - ATMEL Corporation AT6002-2AC Datasheet HTML 6Page - ATMEL Corporation AT6002-2AC Datasheet HTML 7Page - ATMEL Corporation AT6002-2AC Datasheet HTML 8Page - ATMEL Corporation AT6002-2AC Datasheet HTML 9Page - ATMEL Corporation AT6002-2AC Datasheet HTML 10Page - ATMEL Corporation AT6002-2AC Datasheet HTML 11Page - ATMEL Corporation AT6002-2AC Datasheet HTML 12Page - ATMEL Corporation AT6002-2AC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AT6000(LV) Series
9
The devices can be partially reconfigured while in opera-
tion. Portions of the device not being modified remain
operational during reconfiguration. Simultaneous configu-
ration of more than one device is also possible. Full
configuration takes as little as a millisecond, partial configu-
ration is even faster.
Refer to the Pin Function Description section following for a
brief summary of the pins used in configuration. For more
information about configuration, refer to the AT6000 Series
Configuration data sheet.
Pin Function Description
This section provides abbreviated descriptions of the vari-
ous AT6000 Series pins. For more complete descriptions,
refer to the AT6000 Series Configuration data sheet.
Pinout tables for the AT6000 series of devices follow.
Power Pins
V
CC, VDD, GND, VSS
V
CC and GND are the I/O supply pins, VDD and VSS are the
internal logic supply pins. V
CC and VDD should be tied to the
same trace on the printed circuit board. GND and V
SS
should be tied to the same trace on the printed circuit
board.
Input/Output Pins
All I/O pins can be used in the same way (refer to the I/O
section of the architecture description). Some I/O pins are
dual-function pins used during configuration of the array.
When not being used for configuration, dual-function I/Os
are fully functional as normal I/O pins. On initial power-up,
all I/Os are configured as TTL inputs with a pull-up.
Dedicated Timing and Control Pins
CON
Configuration-in-process pin. After power-up, CON stay-
sLow until power-up initialization is complete, at which time
CON is then released. CON is an open collector signal.
After power-up initialization, forcing CON low begins the
configuration process.
CS
Configuration enable pin. All configuration pins are ignored
if CS is high. CS must be held low throughout the configu-
ration process. CS is a TTL input pin.
M0, M1, M2
Configuration mode pins are used to determine the config-
uration mode. All three are TTL input pins.
CCLK
Configuration clock pin. CCLK is a TTL input or a CMOS
output depending on the mode of operation. In modes 1, 2,
3, and 6 it is an input. In modes 4 and 5 it is an output with
a typical frequency of 1 MHz. In all modes, the rising edge
of the CCLK signal is used to sample inputs and change
outputs.
CLOCK
External logic source used to drive the internal global clock
line. Registers toggle on the rising edge of CLOCK. The
CLOCK signal is neither used nor affected by the configu-
ration modes. It is always a TTL input.
RESET
Array register asynchronous reset. RESET drives the inter-
nal global reset. The RESET signal is neither used nor
affected by the configuration modes. It is always a TTL
input.
Dual-function Pins
When CON is high, dual-function I/O pins act as device
I/Os; when CON is low, dual-function pins are used as con-
figuration control or data signals as determined by the
configuration modes. Care must be taken when using
these pins to ensure that configuration activity does not
interfere with other circuitry connected to these pins in the
application.
D0 or I/O
Serial configuration modes use D0 as the serial data input
pin. Parallel configuration modes use D0 as the least-sig-
ni fic a n t bi t. Inpu t d a ta mus t mee t s e tu p a nd hol d
requirements with respect to the rising edge of CCLK. D0 is
a TTL input during configuration.
D1 to D7 or I/O
Parallel configuration modes use these pins as inputs.
Serial configuration modes do not use them. Data must
meet setup and hold requirements with respect to the rising
edge of CCLK. D1 - D7 are TTL inputs during configuration.
A0 to A16 or I/O
During configuration in modes 1, 2 and 5, these pins are
CMOS outputs and act as the address pins for a parallel
EPROM. A0 - A16 eliminates the need for an external
address counter when using an external parallel nonvolatile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com