Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002-2AC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT6002-2AC
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-2AC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT6002-2AC Datasheet HTML 1Page - ATMEL Corporation AT6002-2AC Datasheet HTML 2Page - ATMEL Corporation AT6002-2AC Datasheet HTML 3Page - ATMEL Corporation AT6002-2AC Datasheet HTML 4Page - ATMEL Corporation AT6002-2AC Datasheet HTML 5Page - ATMEL Corporation AT6002-2AC Datasheet HTML 6Page - ATMEL Corporation AT6002-2AC Datasheet HTML 7Page - ATMEL Corporation AT6002-2AC Datasheet HTML 8Page - ATMEL Corporation AT6002-2AC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AT6000(LV) Series
5
In addition to the four local-bus connections, a cell receives
two inputs and p rovides two outputs to ea ch of its
North (N), South (S), East (E) and West (W) neighbors.
These inputs and outputs are divided into two classes: “A”
and “B”. There is an A input and a B input from each neigh-
boring cell and an A output and a B output driving all four
neighbors. Between cells, an A output is always connected
to an A input and a B output to a B input.
Within the cell, the four A inputs and the four B inputs enter
two separate, independently configurable multiplexers. Cell
flexibility is enhanced by allowing each multiplexer to select
also the logical constant “1”. The two multiplexer outputs
enter the two upstream AND gates.
Downstream from these two AND gates are an Exclusive-
OR (XOR) gate, a register, an AND gate, an inverter and
two four-input multiplexers producing the A and B outputs.
These multiplexers are controlled in tandem (unlike the
A and B input multiplexers) and determine the function of
the cell.
• In State 0 – corresponding to the “0” inputs of the
multiplexers – the output of the left-hand upstream AND
gate is connected to the cell’s A output, and the output of
the right-hand upstream AND gate is connected to the
cell’s B output.
• In State 1 – corresponding to the “1” inputs of the
multiplexers – the output of the left-hand upstream AND
gate is connected to the cell’s B output, the output of the
right-hand upstream AND gate is connected to the cell’s
A output.
• In State 2 – corresponding to the “2” inputs of the
multiplexers – the XOR of the outputs from the two
upstream AND gates is provided to the cell’s A output,
while the NAND of these two outputs is provided to the
cell’s B output.
• In State 3 – corresponding to the “3” inputs of the
multiplexers – the XOR function of State 2 is provided to
the D input of a D-type flip-flop, the Q output of which is
connected to the cell’s A output. Clock and
asynchronous reset signals are supplied externally as
described later. The AND of the outputs from the two
upstream AND gates is provided to the cell's B output.
Logic States
The Atmel cell implements a rich and powerful set of logic
functions, stemming from 44 logical cell states which per-
mutate into 72 physical states. Some states use both A and
B inputs. Other states are created by selecting the “1” input
on either or both of the input multiplexers.
There are 28 combinatorial primitives created from the
cell’s tristate capabilities and the 20 physical states repre-
sented in Figure 5. Five logical primitives are derived from
the physical constants shown in Figure 7. More complex
functions are created by using cells in combination.
A two-input AND feeding an XOR (Figure 8) is produced
using a single cell (Figure 9). A two-to-one multiplexer
selects the logical constant “0” and feeds it to the right-
hand AND gate. The AND gate acts as a feed-through, let-
ting the B input pass through to the XOR. The three-to-one
multiplexer on the right side selects the local-bus input,
LNS1, and passes it to the left-hand AND gate. The A and
LNS1 signals are the inputs to the AND gate. The output of
the AND gate feeds into the XOR, producing the logic state
(AlL) XOR B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com