Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002-2AC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT6002-2AC
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-2AC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT6002-2AC Datasheet HTML 9Page - ATMEL Corporation AT6002-2AC Datasheet HTML 10Page - ATMEL Corporation AT6002-2AC Datasheet HTML 11Page - ATMEL Corporation AT6002-2AC Datasheet HTML 12Page - ATMEL Corporation AT6002-2AC Datasheet HTML 13Page - ATMEL Corporation AT6002-2AC Datasheet HTML 14Page - ATMEL Corporation AT6002-2AC Datasheet HTML 15Page - ATMEL Corporation AT6002-2AC Datasheet HTML 16Page - ATMEL Corporation AT6002-2AC Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AT6000(LV) Series
13
Pinout Assignment
Bottom Side (Left to Right)
AT6002
AT6003
AT6005
AT6010
84
PLCC
100
VQFP
132
PQFP
144
TQFP
180
CPGA
208
PQFP
240
PQFP
CON
CON
CON
CON
33
26
51
37
M5
53
61
-
-
-
I/O204(A)
-
-
-
-
M6
54
62
I/O96(A)
I/O120(A)
I/O108(A)
I/O203(A)
34
27
52
38
M7
55
63
-
I/O119(B)
-
I/O202(A)
-
-
-
39
R2
56
64
-
-
-
I/O201(B)
-
-
-
-
-
-
65
-
-
-
VCC
--
--
PWR
(1)
57
66
-
-
-
I/O200(A)
-
-
-
-
R3
58
67
-
-
-
GND
--
--
GND(2)
59
68
-
I/O118(A)
I/O107(A)
I/O199(A)
-
-
53
40
R5
60
69
I/O95(A) or
CSOUT
I/O117(A) or
CSOUT
I/O106(A) or
CSOUT
I/O198(A) or
CSOUT
35
28
54
41
R6
61
70
-
-
-
I/O197(B)
-
-
-
-
-
-
71
-
-
-
I/O196(A)
-
-
-
-
R7
62
72
I/O94(B)
I/O116(A)
I/O105(A)
I/O195(A)
-
-
55
42
P3
63
73
I/O93(A)
I/O115(A)
I/O104(A)
I/O194(A)
36
29
56
43
P4
64
74
-
-
-
I/O193(B)
-
-
-
-
-
-
75
-
-
-
I/O192(A)
-
-
-
-
P5
65
76
I/O92(B)
I/O114(B)
I/O103(A)
I/O191(A)
-
30
57
44
P6
66
77
I/O91(A) or
CHECK
I/O113(A) or
CHECK
I/O102(A) or
CHECK
I/O190(A) or
CHECK
37
31
58
45
P7
67
78
-
-
-
I/O189(B)
-
-
-
-
-
-
79
I/O90(B)
I/O112(B)
I/O101(A)
I/O188(A)
-
-
59
46
N4
68
80
I/O89(A) or
ERR
I/O111(A) or
ERR
I/O100(A) or
ERR
I/O187(A) or
ERR
38
32
60
47
N5
69
81
I/O88(B)
I/O110(B)
I/O99(A)
I/O186(A)
-
33
61
48
N6
70
82
-
-
-
I/O185(B)
-
-
-
-
-
71
83
I/O87(A)
I/O109(A)
I/O98(A)
I/O184(A)
39
34
62
49
N7
72
84
-
I/O108(B)
I/O97(A)
I/O183(A)
-
-
63
50
M8
73
85
GND
GND
GND
GND
40
35
64
51
GND(2)
74
86
I/O86(A)
I/O107(A)
I/O96(A)
I/O182(A)
41
36
65
52
M9
75
87
-
-
-
I/O181(B)
-
-
-
-
-
76
88
-
I/O106(B)
-
I/O180(A)
-
-
-
53
M10
77
89
I/O85(A)
I/O105(A)
I/O95(A)
I/O179(A)
42
37
66
54
M11
78
90
CS
CS
CS
CS
43
38
67
55
L8
79
91
I/O84(B)
I/O104(A)
I/O94(A)
I/O178(A)
44
39
68
56
M12
80
92
-
-
-
I/O177(B)
-
-
-
-
-
81
93
I/O83(A)
I/O103(A)
I/O93(A)
I/O176(A)
45
40
69
57
N8
82
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com