Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002-2AC Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT6002-2AC
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-2AC Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT6002-2AC Datasheet HTML 16Page - ATMEL Corporation AT6002-2AC Datasheet HTML 17Page - ATMEL Corporation AT6002-2AC Datasheet HTML 18Page - ATMEL Corporation AT6002-2AC Datasheet HTML 19Page - ATMEL Corporation AT6002-2AC Datasheet HTML 20Page - ATMEL Corporation AT6002-2AC Datasheet HTML 21Page - ATMEL Corporation AT6002-2AC Datasheet HTML 22Page - ATMEL Corporation AT6002-2AC Datasheet HTML 23Page - ATMEL Corporation AT6002-2AC Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AT6000(LV) Series
20
AC Timing Characteristics – 3.3V Operation
Notes:
1. TTL buffer delays are measured from a VIH of 1.5V at the pad to the internal VIH at A. The input buffer load is constant.
2. CMOS buffer delays are measured from a V
IH of 1/2 VCC at the apd to the internal VIH at A. The input buffer load is constant.
3. Buffer delay is to a pad voltage of 1.5V with one output switching.
4. Max specifications are the average of mas t
PDLH and tPDHL.
5. Parameter based on characterization and simulation; not tested in production
6. Exact power calculation is available in an Atmel application note.
7. Load Definition: 1 = Load of one A or B input; 2 = Load of one L input; 3 = Constant Load; 4 = Load of 28 Clock Columns; 5
= Load of 28 Reset Columns; 6 = Tester Load of 50 pF.
Delays are based on fixed load. Loads for each type of device are described in the notes. Delays are in nanoseconds.
Worst case: V
CC = 3.0V to 3.6V. Temperature = 0°C to 70°C.
Cell Function
Parameter
From
To
Load
Definition
(7)
-4
Units
Wire
(4)
t
PD (max)
(4)
A, B, L
A, B
1
1.8
ns
NAND
tPD (max)
A, B, L
B
1
3.2
ns
XOR
t
PD (max)
A, B, L
A
1
4.0
ns
AND
t
PD (max)
A, B, L
B
1
3.2
ns
MUX
t
PD (max)
A, B
A
1
4.0
ns
LA
1
4.9
ns
D-Flip-flop
(5)
t
setup (min)
A, B, L
CLK
-
3.0
ns
D-Flip-flop
(5)
thold (min)
CLK
A, B, L
-
0
ns
D-Flip-flop
t
PD (max)
CLK
A
1
3.0
ns
Bus Driver
t
PD (max)
A
L
2
4.0
ns
Repeater
t
PD (max)
L, E
E
3
2.3
ns
L, E
L
2
3.0
ns
Column Clock
t
PD (max)
GCLK, A, ES
CLK
3
3.0
ns
Column Reset
tPD (max)
GRES, A, EN
RES
3
3.0
ns
Clock Buffer
(5)
t
PD (max)
CLOCK PIN
GCLK
4
2.9
ns
Reset Buffer
(5)
t
PD (max)
RESET PIN
GRES
5
2.8
ns
TTL Input
(1)
tPD (max)
I/O
A
3
1.5
ns
CMOS Input
(2)
t
PD (max)
I/O
A
3
2.3
ns
Fast Output
(3)
t
PD (max)
A
I/O PIN
6
6.0
ns
Slow Output
(3)
tPD (max)
A
I/O PIN
6
12.0
ns
Output Disable
(5)
t
PXZ (max)
L
I/O PIN
6
5.5
ns
Fast Enable
(3)(5)
t
PXZ (max)
L
I/O PIN
6
6.5
ns
Slow Enable
(3)(5)
tPXZ (max)
L
I/O PIN
6
12.5
ns
Device
Cell Types
Outputs
I
CC (max)
Cell
(6)
Wire, XWire, Half-adder, Flip-flop
A, B
2.3 µA/MHz
Bus
(6)
Wire, XWire, Half-adder, Flip-flop, Repeater
L
1.3 µA/MHz
Column Clock
(6)
Column Clock Driver
CLK
20 µA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com