Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002-2AI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT6002-2AI
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-2AI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT6002-2AI Datasheet HTML 6Page - ATMEL Corporation AT6002-2AI Datasheet HTML 7Page - ATMEL Corporation AT6002-2AI Datasheet HTML 8Page - ATMEL Corporation AT6002-2AI Datasheet HTML 9Page - ATMEL Corporation AT6002-2AI Datasheet HTML 10Page - ATMEL Corporation AT6002-2AI Datasheet HTML 11Page - ATMEL Corporation AT6002-2AI Datasheet HTML 12Page - ATMEL Corporation AT6002-2AI Datasheet HTML 13Page - ATMEL Corporation AT6002-2AI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AT6000(LV) Series
10
memory to configure the FPGA. Addresses change after
the rising edge of the CCLK signal.
CSOUT or I/O
When cascading devices, CSOUT is an output used to
enable other devices. CSOUT should be connected to the
CS input of the downstream device. The CSOUT function is
optional and can be disabled during initial programming
when cascading is not used. When cascading devices,
CSOUT should be dedicated to configuration and not used
as a configurable I/O.
CHECK or I/O
During configuration, CHECK is a TTL input that can be
used to enable the data check function at the beginning of
a configuration cycle. No data is written to the device while
CHECK is low. Instead, the configuration file being applied
to D0 (or D0 - D7, in parallel mode) is compared with the
current contents of the internal configuration RAM. If a mis-
match is detected between the data being loaded and the
data already in the RAM, the ERR pin goes low. The
CHECK function is optional and can be disabled during ini-
tial programming.
ERR or I/O
During configuration, ERR is an output. When the CHECK
function is activated and a mismatch is detected between
the current configuration data stream and the data already
loaded in the configuration RAM, ERR goes low. The ERR
ouput is a registered signal. Once a mismatch is found, the
signal is set and is only reset after the configuration cycle is
restarted. ERR is also asserted for configuration file errors.
The ERR function is optional and can be disabled during
initial programming.
Device Pinout Selection (Max. Number of User I/O)
AT6002
AT6003
AT6005
AT6010
84 PLCC
64 I/O
64 I/O
64 I/O
-
100 VQFP
80 I/O
80 I/O
80 I/O
-
132 PQFP
96 I/O
108 I/O
108 I/O
108 I/O
144 TQFP
95 I/O
120 I/O
108 I/O
120 I/O
208 PQFP
-
-
-
172 I/O
240 PQFP
-
-
-
204 I/O
Bit-stream Sizes
Mode(s)
Type
Beginning Sequence
AT6002
AT6003
AT6005
AT6010
1
Parallel
Preamble
2677
4153
8077
16393
2
Parallel
Preamble
2677
4153
8077
16393
3
Serial
Null Byte/Preamble
2678
4154
8078
16394
4
Serial
Null Byte/Preamble
2678
4154
8078
16394
5
Parallel
Preamble
2677
4153
8077
16393
6
Parallel
Preamble/Preamble
2678
4154
8078
16394



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com