Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002-2AI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT6002-2AI
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-2AI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT6002-2AI Datasheet HTML 1Page - ATMEL Corporation AT6002-2AI Datasheet HTML 2Page - ATMEL Corporation AT6002-2AI Datasheet HTML 3Page - ATMEL Corporation AT6002-2AI Datasheet HTML 4Page - ATMEL Corporation AT6002-2AI Datasheet HTML 5Page - ATMEL Corporation AT6002-2AI Datasheet HTML 6Page - ATMEL Corporation AT6002-2AI Datasheet HTML 7Page - ATMEL Corporation AT6002-2AI Datasheet HTML 8Page - ATMEL Corporation AT6002-2AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AT6000(LV) Series
2
Devices range in size from 4,000 to 30,000 usable gates,
and 1024 to 6400 registers. Pin locations are consistent
throughout the AT6000 Series for easy design migration.
High-I/O versions are available for the lower gate count
devices.
AT6000 Series FPGAs utilize a reliable 0.6 µm single-poly,
double-metal CMOS process and are 100% factory-tested.
Atmel's PC- and workstation-based Integrated Develop-
ment System is used to create AT6000 Series designs.
Multiple design entry methods are supported.
The Atmel architecture was developed to provide the high-
est levels of performance, functional density and design
flexibility in an FPGA. The cells in the Atmel array are
small, very efficient and contain the most important and
most commonly used logic and wiring functions. The cell’s
small size leads to arrays with large numbers of cells,
greatly multiplying the functionality in each cell. A simple,
high-speed busing network provides fast, efficient commu-
nication over medium and long distances.
The Symmetrical Array
At the heart of the Atmel architecture is a symmetrical array
of identical cells (Figure 1). The array is continuous and
completely uninterrupted from one edge to the other,
except fo r bus re pe at ers spaced every eight cells
(Figure 2).
In addition to logic and storage, cells can also be used as
wires to connect functions together over short distances
and are useful for routing in tight spaces.
The Busing Network
There are two kinds of buses: local and express (see
Figures 2 and 3).
Local buses are the link between the array of cells and the
busing network. There are two local buses – North-South 1
and 2 (NS1 and NS2) – for every column of cells, and two
local buses – East-West 1 and 2 (EW1 and EW2) – for
every row of cells. In a sector (an 8 x 8 array of cells
enclosed by repeaters) each local bus is connected to
every cell in its column or row, thus providing every cell in
the array with read/write access to two North-South and
two East-West buses.
Figure 1. Symmetrical Array Surrounded by I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com