Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002-2AI Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT6002-2AI
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-2AI Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT6002-2AI Datasheet HTML 15Page - ATMEL Corporation AT6002-2AI Datasheet HTML 16Page - ATMEL Corporation AT6002-2AI Datasheet HTML 17Page - ATMEL Corporation AT6002-2AI Datasheet HTML 18Page - ATMEL Corporation AT6002-2AI Datasheet HTML 19Page - ATMEL Corporation AT6002-2AI Datasheet HTML 20Page - ATMEL Corporation AT6002-2AI Datasheet HTML 21Page - ATMEL Corporation AT6002-2AI Datasheet HTML 22Page - ATMEL Corporation AT6002-2AI Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AT6000(LV) Series
19
AC Timing Characteristics – 5V Operation
Notes:
1. TTL buffer delays are measured from a V
IH of 1.5V at the pad to the internal VIH at A. The input buffer load is constant.
2. CMOS buffer delays are measured from a VIH of 1/2 VCC at the apd to the internal VIH at A. The input buffer load is constant.
3. Buffer delay is to a pad voltage of 1.5V with one output switching.
4. Max specifications are the average of mas t
PDLH and tPDHL.
5. Parameter based on characterization and simulation; not tested in production
6. Exact power calculation is available in an Atmel application note.
7. Load Definition: 1 = Load of one A or B input; 2 = Load of one L input; 3 = Constant Load; 4 = Tester Load of 50 pF.
Delays are based on fixed load. Loads for each type of device are described in the notes. Delays are in nanoseconds.
Worst case: V
CC = 4.75V to 5.25V. Temperature = 0°C to 70°C.
Cell Function
Parameter
From
To
Load
Definition
(7)
-1
-2
-4
Units
Wire
(4)
t
PD (max)
(4)
A, B, L
A, B
1
0.8
1.2
1.8
ns
NAND
t
PD (max)
A, B, L
B
1
1.6
2.2
3.2
ns
XOR
tPD (max)
A, B, L
A
1
1.8
2.4
4.0
ns
AND
t
PD (max)
A, B, L
B
1
1.7
2.2
3.2
ns
MUX
tPD (max)
A, B
A
1
1.7
2.3
4.0
ns
LA
1
2.1
3.0
4.9
ns
D-Flip-flop
(5)
t
setup (min)
A, B, L
CLK
-
1.5
2.0
3.0
ns
D-Flip-flop
(5)
t
hold (min)
CLK
A, B, L
-
000
ns
D-Flip-flop
tPD (max)
CLK
A
1
1.5
2.0
3.0
ns
Bus Driver
t
PD (max)
A
L
2
2.0
2.6
4.0
ns
Repeater
tPD (max)
L, E
E
3
1.3
1.6
2.3
ns
L, E
L
2
1.7
2.1
3.0
ns
Column Clock
t
PD (max)
GCLK, A, ES
CLK
3
1.8
2.4
3.0
ns
Column Reset
t
PD (max)
GRES, A, EN
RES
3
1.8
2.4
3.0
ns
Clock Buffer
(5)
tPD (max)
CLOCK PIN
GCLK
-
1.6
2.0
2.9
ns
Reset Buffer
(5)
t
PD (max)
RESET PIN
GRES
-
1.5
1.9
2.8
ns
TTL Input
(1)
t
PD (max)
I/O
A
3
1.0
1.2
1.5
ns
CMOS Input
(2)
tPD (max)
I/O
A
3
1.3
1.4
2.3
ns
Fast Output
(3)
t
PD (max)
A
I/O PIN
4
3.3
3.5
6.0
ns
Slow Output
(3)
t
PD (max)
A
I/O PIN
4
7.5
8.0
12.0
ns
Output Disable
(5)
tPXZ (max)
L
I/O PIN
4
3.1
3.3
5.5
ns
Fast Enable
(3)(5)
t
PXZ (max)
L
I/O PIN
4
3.8
4.0
6.5
ns
Slow Enable
(3)(5)
t
PXZ (max)
L
I/O PIN
4
8.2
8.5
12.5
ns
Device
Cell Types
Outputs
ICC (max)
Cell
(6)
Wire, XWire, Half-adder, Flip-flop
A, B
4.5 µA/MHz
Bus
(6)
Wire, XWire, Half-adder, Flip-flop, Repeater
L
2.5 µA/MHz
Column Clock
(6)
Column Clock Driver
CLK
40 µA/MHz
= Preliminary Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com