Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002-2AI Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT6002-2AI
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002-2AI Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT6002-2AI Datasheet HTML 13Page - ATMEL Corporation AT6002-2AI Datasheet HTML 14Page - ATMEL Corporation AT6002-2AI Datasheet HTML 15Page - ATMEL Corporation AT6002-2AI Datasheet HTML 16Page - ATMEL Corporation AT6002-2AI Datasheet HTML 17Page - ATMEL Corporation AT6002-2AI Datasheet HTML 18Page - ATMEL Corporation AT6002-2AI Datasheet HTML 19Page - ATMEL Corporation AT6002-2AI Datasheet HTML 20Page - ATMEL Corporation AT6002-2AI Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AT6000(LV) Series
17
Pinout Assignment
Top Side (Right to Left)
AT6002
AT6003
AT6005
AT6010
84
PLCC
100
VQFP
132
PQFP
144
TQFP
180
CPGA
208
PQFP
240
PQFP
M1
M1
M1
M1
75
76
117
109
D11
157
181
-
-
-
I/O102(A)
-
-
-
-
D10
158
182
I/O48(A)
I/O60(A)
I/O54(A)
I/O101(A)
76
77
118
110
D9
159
183
-
I/O59(B)
-
I/O100(A)
-
-
-
111
A14
160
184
-
-
-
I/O99(B)
-
-
-
-
-
-
185
-
-
-
VCC
--
--
PWR
(1)
161
186
-
-
-
I/O98(A)
-
-
-
-
A13
162
187
-
-
-
GND
--
--
GND(2)
163
188
-
I/O58(A)
I/O53(A)
I/O97(A)
-
-
119
112
A11
164
189
I/O47(A)
I/O57(A)
I/O52(A)
I/O96(A)
77
78
120
113
A10
165
190
-
-
-
I/O95(B)
-
-
-
-
-
-
191
-
-
-
I/O94(A)
-
-
-
-
A9
166
192
I/O46(B)
I/O56(A)
I/O51(A)
I/O93(A)
-
-
121
114
B13
167
193
I/O45(A)
I/O55(A)
I/O50(A)
I/O92(A)
78
79
122
115
B12
168
194
-
-
-
I/O91(B)
-
-
-
-
-
-
195
-
-
-
I/O90(A)
-
-
-
-
B11
169
196
I/O44(B)
I/O54(B)
I/O49(A)
I/O89(A)
-
80
123
116
B10
170
197
I/O43(A)
I/O53(A)
I/O48(A)
I/O88(A)
79
81
124
117
B9
171
198
-
-
-
I/O87(B)
-
-
-
-
-
-
199
I/O42(B)
I/O52(B)
I/O47(A)
I/O86(A)
-
-
125
118
C12
172
200
I/O41(A)
I/O51(A)
I/O46(A)
I/O85(A)
80
82
126
119
C11
173
201
I/O40(B)
I/O50(B)
I/O45(A)
I/O84(A)
-
83
127
120
C10
174
202
-
-
-
I/O83(B)
-
-
-
-
-
175
203
I/O39(A)
I/O49(A)
I/O44(A)
I/O82(A)
81
84
128
121
C9
176
204
-
I/O48(B)
I/O43(A)
I/O81(A)
-
-
129
122
D8
177
205
GND
GND
GND
GND
82
85
130
123
GND(2)
178
206
I/O38(A)
I/O47(A)
I/O42(A)
I/O80(A)
83
86
131
124
D7
179
207
-
-
-
I/O79(B)
-
-
-
-
-
180
208
-
I/O46(B)
-
I/O78(A)
-
-
-
125
D6
181
209
I/O37(A) or A16
I/O45(A) or A16
I/O41(A) or A16
I/O77(A) or A16
84
87
132
126
D5
182
210
CLOCK
CLOCK
CLOCK
CLOCK
1
88
1
127
E8
183
211
I/O36(B) or A15
I/O44(B) or A15
I/O40(A) or A15
I/O76(A) or A15
2
89
2
128
D4
184
212
-
-
-
I/O75(B)
-
-
-
-
-
185
213
I/O35(A) or A14
I/O43(A) or A14
I/O39(A) or A14
I/O74(A) or A14
3
90
3
129
C8
186
214
-
-
-
VDD
--
--
PWR
(1)
187
215
VCC
VCC
VCC
VCC
4
91
4
130
PWR
(1)
188
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com