Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXISP33 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AXISP33
Description  Fixed domes for any environment with remote focus and zoom.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXISP33 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AXISP33 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Outdoor-ready models of AXIS P33 Series are the perfect choice for a wide range of demanding
video applications. AXIS P33 Network Cameras are designed for professional video surveillance
with easy and reliable installation in focus.
Fixed domes designed for efficient installation
Outdoor-ready installation for tough
climates
The outdoor models of AXIS P33 Series are specially
designed for reliable, vandal-resistant and weather-
proof installation, with pre-installed heater and fan,
and an integrated dehumidifying membrane eliminat-
ing any humidity caught in the camera casing during
installation. These cameras come with a 5 m (16 ft.)
Ethernet cable with a pre-mounted, specially designed
gasket, enabling flush wall mounting and requiring no
additional sealant. A weather shield is also included
for effective protection against reflections from sun-
light, or build-ups of rain or snow; except for the
AXIS P3364-LVE model, for which the shield could
interfere with the built-in IR illumination. A wide
range of optional mounting kits are available, for
example for mounting on a wall, pole or corner.
Lightfinder technology
The SVGA and HDTV 720p/1MP models of AXIS P33
Series incorporate Axis’ unique Lightfinder technology.
The outstanding light sensitivity, with maintained col-
ors even in very poor lighting conditions, is obtained by
a combination of Axis’ expertise in image processing,
system-on-chip development and selection of the best
optical components.
For more on Lightfinder technology, go to:
www.axis.com/corporate/corp/tech_papers.htm
Wide dynamic range - dynamic capture
AXIS P3384-VE that supports WDR with ‘dynamic
capture’ is ideal for surveillance in areas with strong
variations in light, for instance in tunnel passages, and
other areas where the sunlight creates both very bright
zones and dark shadows. AXIS P3384-VE enables easy
and clear identification of people and objects both in
bright and dark areas.
Built-in IR illumination
AXIS P3364-LVE features built-in IR illumination based
on new, long-life LED technology that is highly power-
efficient. This results in high-quality, low-noise video
also when the environment is completely dark.
P-Iris control
AXIS P33 Series features the advanced precise iris con-
trol that comprises a special P-Iris lens, together with
dedicated software in the camera, to set the best iris
position for optimal depth of field, resolution, image
contrast and clarity. Good depth of field implies that
objects at different distances from the camera are in
focus simultaneously.
For more on P-Iris and iris control, go to:
www.axis.com/corporate/corp/tech_papers.htm
Easy installation
AXIS P33 Network Cameras offer unique installation
capabilities including remote focus and zoom. The re-
mote focus feature enables convenient focusing over
the network, eliminating the need for hands-on fine-
tuning at the camera. The remote zoom functionality
ensures that the camera’s angle of view is optimized
for the area to be monitored. The pixel counter assures
that the required pixel resolution is met. The built-in IR
solution in AXIS P3364-LVE automatically adapts the
illumination angle with the zoom level, which simplifies
installation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com