Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXISP33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AXISP33
Description  Fixed domes for any environment with remote focus and zoom.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXISP33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AXISP33 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET
AXIS P33 Series offers models with exceptional image
quality from SVGA resolution up to 5 megapixel,
including SMPTE-compliant HDTV 720p and 1080p
video. AXIS P33 Series provides multiple, individually
configurable H.264 and Motion JPEG video streams.
The SVGA and HDTV 720p/1MP models support Axis’
Lightfinder technology, which makes these cameras
extremely sensitive to low light. AXIS P3384-VE that
additionally supports wide dynamic range (WDR) with
‘dynamic capture’, provides outstanding video quality in
the most demanding conditions with strong variations
in light. The 5 megapixel model, AXIS P3367-VE, can
cover a large area with exceptional detail and light
sensitivity. All AXIS P33 models support P-Iris control
for optimal image clarity.
AXIS P33 Network Cameras constitute a series of indoor and outdoor-ready fixed domes. These
cameras are ideal for unobtrusive video surveillance, day and night, in exposed areas such as city
surveillance, airports, railway stations, retail stores, office buildings, museums, schools and
university campuses.
AXIS P33 Network Camera Series — Outdoor models
Fixed domes for any environment with remote focus and zoom.
> 5MP and HDTV
> WDR and Lightfinder
> Built-in IR illumination
> Remote focus and
zoom
> P-Iris control
> IK10 impact-resistant,
outdoor-ready models
AXIS P3364-LVE incorporates new long-life LED
technology that is highly power-efficient. Adjustable in
angle and intensity, the built-in IR solution offers easy
configuration optimizing for the scene. All AXIS P33
cameras support the remote focus capability that
eliminates hands-on focusing at the camera, and remote
zoom that allows the camera’s angle of view to be
optimized.
All AXIS P33 cameras offer digital pan/tilt/zoom and
the 3-megapixel and 5-megapixel models additionally
provide multi-view streaming. The weatherproof
AXIS P33-VE/-LVE cameras have low, environmental-
friendly power consumption supplied by standard Power
over Ethernet (IEEE 802.3af), and operate in a wide
temperature range from -40 °C to 55 °C (-40 °F to 131 °F).


Similar Part No. - AXISP33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXISP12 ETC2-AXISP12 Datasheet
909Kb / 4P
Miniature HDTV cameras for exceptionally discreet surveillance
More results

Similar Description - AXISP33

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EDSSC0 ITT-EDSSC0 Datasheet
40Kb / 2P
ED Domes and EDM Domes
logo
ON Semiconductor
LC898201 ONSEMI-LC898201 Datasheet
418Kb / 16P
Iris/Zoom/Focus/ Day-Night switching Drive Controller
August, 2014
logo
STMicroelectronics
VS6955CA STMICROELECTRONICS-VS6955CA Datasheet
1Mb / 90P
5.0 megapixel fixed-focus camera module
02-Nov-2015
logo
Panasonic Semiconductor
ET-D75LE90 PANASONIC-ET-D75LE90 Datasheet
950Kb / 10P
Fixed-Focus Lens
ET-DLE030 PANASONIC-ET-DLE030 Datasheet
2Mb / 5P
Fixed-Focus Lens
ET-DLE055 PANASONIC-ET-DLE055 Datasheet
505Kb / 2P
Fixed-Focus Lens
ET-ELW21 PANASONIC-ET-ELW21 Datasheet
250Kb / 1P
Fixed-focus lens
logo
List of Unclassifed Man...
RTD2523 ETC2-RTD2523 Datasheet
1Mb / 129P
Zoom scaling up and down
logo
Linx Technologies
TRM-YYY-DP1203 LINX-TRM-YYY-DP1203 Datasheet
1Mb / 15P
The TRM-xxx-DP1203 modules can be used in any environment where wireless remote connection is an advantage.
2015
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
ED & EDM Domes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com