Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXISP33 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AXISP33
Description  Fixed domes for any environment with remote focus and zoom.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXISP33 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AXISP33 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
178 mm (7.0’’)
∅ 96 mm (3.8’’)
178 mm (7.0”)
∅ 96 mm (3.8’’)
©2012 Axis Communications AB. AXIS COMMUNICATIONS, AXIS, ETRAX, ARTPEC and VAPIX are registered trademarks or trademark applications of Axis AB
in various jurisdictions. All other company names and products are trademarks or registered trademarks of their respective companies. We reserve the right
to introduce modifications without notice.
Optional accessories for outdoor models
AXIS T91A Brackets
I/O audio cable,
5 m (16 ft.)
Axis illuminators
Cable shield, optionally including
AXIS P33-VE 3/4” NPS adapter
Wall
Corner
Pendant adapter kit including
weather shield
Technical Specifications (cont.) – AXIS P33 Network Camera Series, outdoor models
General
Casing
Polycarbonate transparent cover
Aluminum inner camera module with encapsulated electronics
Color: white NCS S 1002-B
IP66- and NEMA 4X-rated, IK10 impact-resistant casing with
aluminum base and dehumidifying membrane
Memory
256 MB RAM, 128 MB Flash
AXIS P3367-VE: 512 MB RAM, 128 MB Flash
Power
Power over Ethernet IEEE 802.3af
AXIS P3363-VE/P3364-VE/P3364-LVE/P3384-VE/P3367-VE:
Class 3; max 12.1 W
AXIS P3346-VE: Class 3; max 12.8 W
Connectors
RJ-45 10BASE-T/100BASE-TX PoE
Terminal block for 1 alarm input and 1 output
3.5 mm mic/line in, 3.5 mm line out
IR illumination
AXIS P3364-LVE: Power-efficient, long-life IR LED’s with adjustable
angle of illumination and intensity. Range of reach up to 30 m
(100 ft.) depending on scene
Edge storage
SD/SDHC/SDXC slot supporting memory cards up to 64 GB
(card not included)
Support for recording to network share (network-attached storage
or file server)
Operating
conditions
-40 °C to 55 °C (-40 °F to 131 °F)
Humidity 10 - 100% RH (condensing)
Approvals
EN 50121-4, EN 55022, EN 55024, EN 61000-6-1, EN 61000-6-2,
IEC/EN/UL 60950-1, IEC 60068-2-1, IEC 60068-2-2, IEC 60068-2-
14, IEC 60068-2-27, IEC 60068-2-64, IEC 60068-2-78, IEC 60529
IP66, NEMA 250 Type 4X, IEC 62236-4, IEC 62262 IK10, FCC Part 15,
Subpart B Class B, ICES-003 Class B digital, VCCI, ITE, C-tick AS/NZS
CISPR 22, KCC AS/NZS CISPR 22, KN 22, KN 24
AXIS P3364-LVE: EN 62471
Included
accessories
Installation Guide, Installation and Management Software CD,
Windows decoder 1-user license, connector kit, mounting bracket,
5 m (16 ft.) network cable with pre-mounted gasket
AXIS P3363-VE/P3364-VE/P3384-VE/P3346-VE/P3367-VE:
Weather shield, smoked transparent cover
Accessories - AXIS P33 Network Camera Series, outdoor models
Dimensions and weight - AXIS P33 Network Camera Series, outdoor models
AXIS P3363-VE, P3364-VE
Weight: 1.5 kg (3.3 lb.), with weather shield
AXIS P3364-LVE:
Weight: 1.4 kg (3.1 lb.), weather shield not included
AXIS P3384-VE, AXIS P3346-VE, AXIS P3367-VE
Weight: 1.7 kg (3.7 lb.), with weather shield
AXIS Camera Companion (included),
AXIS Camera Station and video
management software from Axis’
Application Development Partners (not
included). For more information, see
www.axis.com/products/video/software
Video management software
www.axis.com
More information is available at www.axis.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com