Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXISP33 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AXISP33
Description  Fixed domes for any environment with remote focus and zoom.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXISP33 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AXISP33 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXISP33 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications – AXIS P33 Network Camera Series, outdoor models
Camera
Outdoor models
AXIS P3363-VE: SVGA, Lightfinder
AXIS P3364-VE: 1 MP, Lightfinder
AXIS P3364-LVE: 1 MP, IR illumination, Lightfinder
AXIS P3384-VE: 1 MP, WDR - dynamic capture, Lightfinder
A
XIS P3346-VE: 3 MP, multi-view streaming
AXIS P3367-VE: 5 MP, multi-view streaming
Note: All models are vandal resistant and support audio and I/O ports
6 mm and 12 mm as suffix refer to lens model
Image sensor
AXIS P3363-VE: Progressive scan RGB CMOS 1/3”
AXIS P3364-VE/-LVE: Progressive scan RGB CMOS 1/3”
AXIS P3384-VE: Progressive scan RGB CMOS 1/3”
AXIS P3346-VE: Progressive scan RGB CMOS 1/3” (effective)
AXIS P3367-VE: Progressive scan RGB CMOS 1/3.2”
Lens
Varifocal, remote focus and zoom, P-Iris control, IR corrected,
megapixel resolution
AXIS P3363-VE/P3364-VE 6 mm: 2.5-6 mm, 105° - 49° view*, F1.2
AXIS P3363-VE/P3364-VE/P3364-LVE 12 mm: 3.3-12 mm,
82° - 24° view*, F1.4
AXIS P3384-VE: 3-9 mm, 84° - 30° view*, F1.2
AXIS P3346-VE: 3-9 mm, 84° - 30° view*, F1.2
AXIS P3367-VE: 3-9 mm, 84° - 30° view*, F1.2
*horizontal angle of view
Day and night
Automatically removable infrared-cut filter
Minimum
illumination
AXIS P3363-VE/P3364-VE 6 mm:
Color: 0.1 lux, F1.2, B/W: 0.02 lux, F1.2
AXIS P3363-VE/P3364-VE 12 mm:
Color: 0.15 lux, F1.4, B/W: 0.03 lux, F1.4
AXIS P3364-LVE 12 mm:
Color: 0.18 lux, F1.4, B/W: 0.04 lux, 0 lux with IR illumination on
AXIS P3384-VE:
Color: 0.5 lux, F1.2, B/W: 0.08 lux, F1.2 with dynamic capture
Color: 0.15 lux, F1.2, B/W: 0.03 lux, F1.2 with Lightfinder
AXIS P3346-VE: Color: 0.5 lux, F1.2, B/W: 0.08 lux, F1.2
AXIS P3367-VE: Color: 0.2 lux, B/W: 0.04 lux, F1.2
Shutter time
AXIS P3363-VE/P3364-VE/P3364-LVE: 1/24500 s to 2 s with
power line frequency 50 Hz, 1/29500 s to 2 s with power line
frequency 60 Hz
AXIS P3384-VE: Dynamic capture: 1/192 s to 1/37 s with power line
frequency 50 Hz, 1/231 s to 1/44 s with power line frequency 60 Hz;
Lightfinder: 1/24500 s to 2 s with power line frequency 50 Hz,
1/29500 s to 2 s with power line frequency 60 Hz
AXIS P3346-VE: 1/35500 s to 1/6 s
AXIS P3367-VE: 1/28000 s to 2 s
Camera angle
adjustment
AXIS P3363-VE/P3364-VE/P3364-LVE: Pan 360°, tilt 170°,
rotation 340°
AXIS P3384-VE/P3346-VE/P3367-VE: Pan 360°, tilt 160°,
rotation 340°
Video
Video
compression
H.264 Baseline and Main Profile (MPEG-4 Part 10/AVC)
Motion JPEG
Resolutions
AXIS P3363-VE: 800x600 (SVGA) to 160x90
AXIS P3364-VE/P3364-LVE/P3384-VE: 1280x960* (approx. 1.3 MP)
to 160x90
AXIS P3346-VE: 2048x1536 (3 MP) to 160x90
AXIS P3367-VE: 2592x1944 (5 MP) to 160x90
*1400x1050 (1.4 MP) scaled resolution available via VAPIX®
Frame rate
H.264/
Motion JPEG
AXIS P3363-VE/P3364-VE/P3364-LVE/P3384-VE:
25/30 fps with power line frequency 50/60 Hz
AXIS P3346-VE: 3 MP capture mode: 20 fps in all resolutions;
HDTV 1080p (1920x1080) and 2 MP 4:3 (1600x1200) capture
modes: 30 fps in all resolutions
AXIS P3367-VE: 5 MP capture mode: 12 fps in all resolutions;
and capable of all AXIS P3346-VE capture modes
Video streaming Multiple, individually configurable streams in H.264 and Motion JPEG
Controllable frame rate and bandwidth
VBR/CBR H.264
Multi-view
streaming
AXIS P3346-VE/P3367-VE: Up to 8 individually cropped out view
areas
AXIS P3346-VE: When streaming 4 view areas and 1 overview in
VGA resolution, the frame rate is 20 fps per stream (3 MP capture
mode)
AXIS P3367-VE: When streaming 4 view areas and 1 overview in
VGA resolution, the frame rate is 12 fps per stream (5 MP capture
mode) or 20 fps per stream (3 MP capture mode)
Pan/Tilt/Zoom
Digital PTZ, preset positions, guard tour
Image settings
Compression, color, brightness, sharpness, contrast, white balance,
exposure control, exposure zones, backlight compensation, WDR -
dynamic contrast, fine tuning of low light behavior
Rotation: 0°, 90°, 180°, 270°, including Corridor Format
Text and image overlay, privacy mask, mirroring of images
AXIS P3384-VE: WDR - dynamic capture: Up to 120 dB
(0.5 - 500,000 lux) depending on scene
Audio
Audio streaming Two-way
Audio
compression
AAC LC 8/16 kHz, G.711 PCM 8 kHz, G.726 ADPCM 8 kHz
Configurable bit rate
Audio input/
output
External microphone input or line input, line output
Network
Security
Password protection, IP address filtering, digest authentication,
user access log, IEEE 802.1X** network access control,
HTTPS** encryption
Supported
protocols
IPv4/v6, HTTP, HTTPS**, SSL/TLS**, QoS Layer 3 DiffServ, FTP, CIFS/SMB,
SMTP, Bonjour, UPnP™, SNMPv1/v2c/v3(MIB-II), DNS, DynDNS, NTP,
RTSP, RTP, TCP, UDP, IGMP, RTCP, ICMP, DHCP, ARP, SOCKS
System integration
Application
Programming
Interface
Open API for software integration, including the ONVIF specification
available at www.onvif.org, as well as VAPIX® and AXIS Camera
Application Platform from Axis Communications, specifications
available at www.axis.com
Support for AXIS Video Hosting System (AVHS) with One-Click
Camera connection
Intelligent video Video motion detection, active tampering alarm, audio detection
Support for AXIS Camera Application Platform enabling installation
of additional applications
Event triggers
Intelligent video, external input, edge storage events
Event actions
File upload: FTP, HTTP, network share and email
Notification: email, HTTP and TCP
External output activation
Video and audio recording to edge storage
Pre- and post-alarm video buffering
Play audio clip
PTZ preset, guard tour
AXIS P3364-LVE: Activation of IR illumination
Data streaming
Event data
Built-in
installation aids
Remote zoom, remote focus, pixel counter
AXIS P3364-LVE: adjustable IR illumination angle and intensity
** This product includes software developed by the OpenSSL Project for use in the OpenSSL
Toolkit. (www.openssl.org)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com