Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2323 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT90LS2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT90LS2323 Datasheet HTML 12Page - ATMEL Corporation AT90LS2323 Datasheet HTML 13Page - ATMEL Corporation AT90LS2323 Datasheet HTML 14Page - ATMEL Corporation AT90LS2323 Datasheet HTML 15Page - ATMEL Corporation AT90LS2323 Datasheet HTML 16Page - ATMEL Corporation AT90LS2323 Datasheet HTML 17Page - ATMEL Corporation AT90LS2323 Datasheet HTML 18Page - ATMEL Corporation AT90LS2323 Datasheet HTML 19Page - ATMEL Corporation AT90LS2323 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
16
AT90S/LS2323/2343
1004D–09/01
Memory Access and
Instruction Execution
Timing
This section describes the general access timing concepts for instruction execution and
internal memory access.
The AVR CPU is driven by the System Clock Ø, directly generated from the external
clock signal applied to the CLOCK pin. No internal clock division is used.
Figure 21. shows the parallel instruction fetches and instruction executions enabled by
the Harvard architecture and the fast-access register file concept. This is the basic pipe-
lining concept to obtain up to 1 MIPS per MHz with the corresponding unique results for
functions per cost, functions per clocks and functions per power unit.
Figure 21. The Parallel Instruction Fetches and Instruction Executions
Figure 22. shows the internal timing concept for the register file. In a single clock cycle
an ALU operation using two register operands is executed and the result is stored back
to the destination register.
Figure 22. Single Cycle ALU Operation
The internal data SRAM access is performed in two System Clock cycles as described
in Figure 23..
System Clock Ø
1st Instruction Fetch
1st Instruction Execute
2nd Instruction Fetch
2nd Instruction Execute
3rd Instruction Fetch
3rd Instruction Execute
4th Instruction Fetch
T1
T2
T3
T4
System Clock Ø
Total Execution Time
Register Operands Fetch
ALU Operation Execute
Result Write Back
T1
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com