Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2323 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90LS2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90LS2323 Datasheet HTML 1Page - ATMEL Corporation AT90LS2323 Datasheet HTML 2Page - ATMEL Corporation AT90LS2323 Datasheet HTML 3Page - ATMEL Corporation AT90LS2323 Datasheet HTML 4Page - ATMEL Corporation AT90LS2323 Datasheet HTML 5Page - ATMEL Corporation AT90LS2323 Datasheet HTML 6Page - ATMEL Corporation AT90LS2323 Datasheet HTML 7Page - ATMEL Corporation AT90LS2323 Datasheet HTML 8Page - ATMEL Corporation AT90LS2323 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
AT90S/LS2323/2343
1004D–09/01
Description
The AT90S/LS2323 and AT90S/LS2343 are low-power, CMOS, 8-bit microcontrollers
based on the AVR RISC architecture. By executing powerful instructions in a single
clock cycle, the AT90S2323/2343 achieves throughputs approaching 1 MIPS per MHz
allowing the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general-purpose working regis-
ters. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU),
allowing two independent registers to be accessed in one single instruction executed in
one clock cycle. The resulting architecture is more code efficient while achieving
throughputs up to ten times faster than conventional CISC microcontrollers.
Block Diagram
Figure 1. The AT90S/LS2343 Block Diagram
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTER
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA REGISTER
PORTB
PROGRAMMING
LOGIC
TIMING AND
CONTROL
INTERRUPT
UNIT
EEPROM
SPI
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PB0 - PB4
RESET
VCC
GND
CONTROL
LINES
8-BIT DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com