Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2323 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT90LS2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT90LS2323 Datasheet HTML 17Page - ATMEL Corporation AT90LS2323 Datasheet HTML 18Page - ATMEL Corporation AT90LS2323 Datasheet HTML 19Page - ATMEL Corporation AT90LS2323 Datasheet HTML 20Page - ATMEL Corporation AT90LS2323 Datasheet HTML 21Page - ATMEL Corporation AT90LS2323 Datasheet HTML 22Page - ATMEL Corporation AT90LS2323 Datasheet HTML 23Page - ATMEL Corporation AT90LS2323 Datasheet HTML 24Page - ATMEL Corporation AT90LS2323 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
21
AT90S/LS2323/2343
1004D–09/01
Note:
1. The Power-on Reset will not work unless the supply voltage has been below V
POT
(falling).
Note:
1. The Power-on Reset will not work unless the supply voltage has been below V
POT
(falling).
Power-on Reset
The AT90S2323/2343 is designed for use in systems where it can operate from the
internal RC oscillator (AT90S/LS2343), on-chip oscillator (AT90S/LS2323), or in appli-
cations where a clock signal is provided by an external clock source. After V
CC has
reached V
POT, the device will start after the time tTOUT (see Figure 25). If the clock signal
is provided by an external clock source, the clock must not be applied until V
CC has
reached the minimum voltage defined for the applied frequency.
For AT90S2323, the user can select the start-up time according to typical oscillator
start-up. The number of WDT oscillator cycles used for each time-out is shown in
Table 6. For AT90S2343, the start-up time is one Watchdog cycle only. The frequency
of the Watchdog oscillator is voltage-dependent as shown in “Typical Characteristics” on
page 49.
Table 4. Reset Characteristics (V
CC = 5.0V)
Symbol
Parameter
Min
Typ
Max
Units
V
POT
(1)
Power-on Reset Threshold Voltage, rising
1.0
1.4
1.8
V
Power-on Reset Threshold Voltage, falling
0.4
0.6
0.8
V
VRST
RESET Pin Threshold Voltage
0.6 VCC
V
t
TOUT
Reset Delay Time-out Period AT90S/LS2323
FSTRT Programmed
1.0
1.1
1.2
ms
t
TOUT
Reset Delay Time-out Period AT90S/LS2323
FSTRT Unprogrammed
11.0
16.0
21.0
ms
t
TOUT
Reset Delay Time-out Period AT90S/LS2343
11.0
16.0
21.0
µs
Table 5. Reset Characteristics (V
CC = 3.0V)
Symbol
Parameter
Min
Typ
Max
Units
V
POT
(1)
Power-on Reset Threshold Voltage, rising
1.0
1.4
1.8
V
Power-on Reset Threshold Voltage, falling
0.4
0.6
0.8
V
V
RST
RESET Pin Threshold Voltage
0.6 VCC
V
t
TOUT
Reset Delay Time-out Period AT90S/LS2323
FSTRT Programmed
2.0
2.2
2.4
ms
t
TOUT
Reset Delay Time-out Period AT90S/LS2323
FSTRT Unprogrammed
22.0
32.0
42.0
ms
tTOUT
Reset Delay Time-out Period AT90S/LS2343
22.0
32.0
42.0
µs
Table 6. Number of Watchdog Oscillator Cycles
FSTRT
Time-out at VCC = 5V
Number of WDT Cycles
Programmed
1.1 ms
1K
Unprogrammed
16.0 ms
16K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com