Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2323 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT90LS2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT90LS2323 Datasheet HTML 1Page - ATMEL Corporation AT90LS2323 Datasheet HTML 2Page - ATMEL Corporation AT90LS2323 Datasheet HTML 3Page - ATMEL Corporation AT90LS2323 Datasheet HTML 4Page - ATMEL Corporation AT90LS2323 Datasheet HTML 5Page - ATMEL Corporation AT90LS2323 Datasheet HTML 6Page - ATMEL Corporation AT90LS2323 Datasheet HTML 7Page - ATMEL Corporation AT90LS2323 Datasheet HTML 8Page - ATMEL Corporation AT90LS2323 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
3
AT90S/LS2323/2343
1004D–09/01
Figure 2. The AT90S/LS2323 Block Diagram
The AT90S2323/2343 provides the following features: 2K bytes of In-System Program-
mabl e F lash, 128 bytes EEPROM, 128 bytes SRAM, 3 (A T90S/L S2323)/5
(AT90S/LS2343) general-purpose I/O lines, 32 general-purpose working registers, an 8-
bit timer/counter, internal and external interrupts, programmable Watchdog Timer with
internal oscillator, an SPI serial port for Flash Memory downloading and two software-
selectable power-saving modes. The Idle mode stops the CPU while allowing the
SRAM, timer/counters, SPI port and interrupt system to continue functioning. The
Power-down mode saves the register contents but freezes the oscillator, disabling all
other chip functions until the next interrupt or hardware reset.
The device is manufactured using Atmel’s high-density nonvolatile memory technology.
The On-chip Flash allows the program memory to be reprogrammed in-system through
an SPI serial interface. By combining an 8-bit RISC CPU with ISP Flash on a monolithic
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTER
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA REGISTER
PORTB
PROGRAMMING
LOGIC
TIMING AND
CONTROL
OSCILLATOR
INTERRUPT
UNIT
EEPROM
SPI
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PB0 - PB2
RESET
VCC
GND
CONTROL
LINES
8-BIT DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com