Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

960 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 960
Description  Wideband High-Gain Amplifier Instrument
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

960 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  960 Datasheet HTML 1Page - Frequency Devices, Inc. 960 Datasheet HTML 2Page - Frequency Devices, Inc. 960 Datasheet HTML 3Page - Frequency Devices, Inc. 960 Datasheet HTML 4Page - Frequency Devices, Inc. 960 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Models 960 & 960B
Wideband High-Gain
Single Channel –
Certified
Amplifier Instrument
1
1784 Chessie Lane, Ottawa, Illinois 61350
• Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Description
Frequency
Devices’
Models
960
&
960B
instruments are single channel wideband high-
gain amplifier instruments.
The bandwidth is
adjustable from 10 Hz to 1 MHz wide and the
gain can be set from 0 dB to 80 dB in 1 dB steps.
The Amplifier has an input impedance of 1 M
Ω
shunted by 47pF in single ended mode and 2 M
Ω
shunted by 47pF in differential ended mode. The
common mode rejection ratio (CMRR) is greater
than 55 dB in differential mode.
Standard operational features include:
Adjustable gain to 80 dB
Adjustable bandwidth to 1 MHz
Differential or single ended input
Differential or single ended output
Output can drive 50
Ω load
Off-set adjustment
Overload indicator
BNC Connectors for all I/O
The optional battery powered 960B is particularly
well suited to applications requiring isolation from
an electrically noisy primary power source.
Compact size and manual rotary switch front
panel controls makes the 960 amplifier a popular,
cost effective, easy-to-use solution for signal
conditioning applications in the following areas:
Biomedical Applications
Data Recording/Playback
EKG/EEG Data Amplification
Medical Research
Seismic Analysis
Vibration Analysis
Communications
Models
960
Standard AC Powered
960B
AC Powered, with battery option
The 960 & 960B Amplifiers have a built in notch
filter for 60 Hz or 50 Hz


Similar Part No. - 960

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
960 VCC-960 Datasheet
450Kb / 1P
Rectangular indicator Lights
logo
WECO ELECTRICAL CONNECT...
960 WECO-960 Datasheet
105Kb / 1P
PCB connector Screw connection
11.17
logo
Wakefield Thermal, Inc.
960 WAKEFIELDTHERMAL-960 Datasheet
1Mb / 13P
Plastic Push Pin Heat Sinks
logo
WERMA Signaltechnik Gmb...
960 000 01 WERMA-960 000 01 Datasheet
780Kb / 6P
The complete Signal Tower Solution
960 000 04 WERMA-960 000 04 Datasheet
780Kb / 6P
The complete Signal Tower Solution
More results

Similar Description - 960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
logo
Burr-Brown (TI)
OPA689 BURR-BROWN-OPA689 Datasheet
175Kb / 16P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699 BURR-BROWN-OPA699 Datasheet
461Kb / 25P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Mini-Circuits
YSF-322 MINI-YSF-322 Datasheet
1Mb / 5P
Wideband Gain Amplifier
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA689 TI1-OPA689 Datasheet
306Kb / 20P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699 TI1-OPA699_14 Datasheet
1Mb / 31P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699IDG4 TI1-OPA699IDG4 Datasheet
1Mb / 31P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com