Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

960 Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # 960
Description  Wideband High-Gain Amplifier Instrument
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

960 Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  960 Datasheet HTML 1Page - Frequency Devices, Inc. 960 Datasheet HTML 2Page - Frequency Devices, Inc. 960 Datasheet HTML 3Page - Frequency Devices, Inc. 960 Datasheet HTML 4Page - Frequency Devices, Inc. 960 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Models 960 & 960B
Single Channel –
Certified
Specifications
5
1784 Chessie Lane, Ottawa, Illinois 61350
• Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Power Supply
AC Line Power Operation
960
10 Watts max.
960B
15 Watts max.
Voltage Frequency Range-Rear Panel:
115 V
105 to 125Vac @ 50/60Hz
230 V
210 to 250Vac @ 50Hz
Fuse
115 V=0.2 Amp., 230 V = 2X-0.1 Amp.
Battery Operation (960B)
Time for full Charge
10 – 12 hours
Battery Life
Approx. 500 Charge/Discharge Cycles
Battery Charger
Automatic Uninterruptible
Charge Status Indicator (Front Panel)
3 Status Levels
Battery Operation
8 Hours typ.
Temperature
Operating Temperature:
0 °C to +50 °C
Storage Temperature:
-25 °C to +70 °C
Mechanical
Dimensions
3.7"H x 8.66"W x 10.6"D
9.4cmH x 22.0cmW x 27.0cmD
Weight
960
3.5 lbs; 1.58 kgs
960B
5.4 lbs; 2.45 kgs
Case Material
ABS plastic
Color
Light Gray
A. AVAILABLE MODELS
1. 960*
Standard AC powered model
1
2. 960B*
AC powered with battery powered option
1
*Please specify if you want the internal notch filter at 60 Hz or 50 Hz.
NOTE:
1.
See page 3, item “Q” Voltage selector Module. At time of shipment, Voltage is pre-selected in the 115 VAC position. For 230 VAC
operation, this module must be rotated 180 degrees and an additional fuse must be added.
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale, which apply, to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use, which would infringe any patent or copyright.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com