Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

960 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # 960
Description  Wideband High-Gain Amplifier Instrument
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

960 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  960 Datasheet HTML 1Page - Frequency Devices, Inc. 960 Datasheet HTML 2Page - Frequency Devices, Inc. 960 Datasheet HTML 3Page - Frequency Devices, Inc. 960 Datasheet HTML 4Page - Frequency Devices, Inc. 960 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Models 960 & 960B
Model 960 Series
Single Channel –
Certified
Rear Panel Description
3
1784 Chessie Lane, Ottawa, Illinois 61350
• Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Location of Rear Panel Terminals, Controls and Labels
K. IDENTIFICATION LABEL: This label
identifies the Model number, filter type,
serial
number,
date
of
manufacture,
operating
power
limits
and
fuse
requirements of the instrument.
L. AC POWER CONNECTION: Denotes
plug and fuse location.
M. POWER ON/OFF Switch:
Is a two-
position toggle switch on the back panel
that
interrupts/completes
the
power
circuit.
N. VOLTAGE Selector Module:
For 230 Vac operation, use a screwdriver
blade to pry open the module door (entry
point next to window), remove the red
fuse cartridge, replace the 0.2 Amp, 250 V
fuse with a 0.1 Amp, 250 Volt fuse,
remove the shorting clip in the other leg
and replace it with a second 0.1 Amp
fuse. Turn the module 180 degrees, re-
insert and close the module door. The
numerals 230V will now show in the
module window. Reverse procedure to
change back to 115V.
N
K
L
M
Model
960B
Model
960



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com