Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

960 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # 960
Description  Wideband High-Gain Amplifier Instrument
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

960 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  960 Datasheet HTML 1Page - Frequency Devices, Inc. 960 Datasheet HTML 2Page - Frequency Devices, Inc. 960 Datasheet HTML 3Page - Frequency Devices, Inc. 960 Datasheet HTML 4Page - Frequency Devices, Inc. 960 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Models 960 & 960B
Single Channel –
Certified
Specifications
4
1784 Chessie Lane, Ottawa, Illinois 61350
• Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Input Characteristics
Input Impedance:
Differential
2 M
Ω Shunted by 47pF
Single Ended
1 M
Ω Shunted by 47pF
Coupling
DC
Input Voltage:
Linear Differential
20V p-p (Gain Set at 0 dB)
Max Safe
Any Continuous Value
Differential Voltage
between
±40V
Bias Current
1 nA typ.; 2 nA max.
Common Mode
> 80 dB @ 1 kHz
Rejection ratio
> 70 dB @ 10 kHz
(0 dB Gain)
> 55 dB @ 100 kHz
Noise Voltage Density
@ 70 dB Gain
12 µVrms/
√Hz typ.
1 MHz Bandwidth
Minimum Discernable
Signal*
@ 1 kHz with
1 mV @ 0 dB Gain
1 MHz Bandwidth
20 µV @ 40 dB Gain
13 µV @ 70 dB Gain
@ 1 kHz with
1 mV @ 0 dB Gain
10 kHz Bandwidth
10 µV @ 40 dB Gain
2 µV @ 70 dB Gain
Output Characteristics:
Small Signal
Bandwidth
>1 MHz @ 3 dB down
Output Max Voltage
20V p-p for RL-2K
Ω
(Single Output)
10V p-p for RL=50
Ω
(DC to 500 kHz)
10V p-p for RL=2K
Ω
5V p-p for RL=50
Ω
(500 kHz to 1 MHz)
Output Max Power
0.25 Watt for RL=50
Ω
Output Protection
Short Circuit to Ground
Output Impedance
50
Ω Single
100
Ω Differential
Gain Settings
0 to 80 dB in 1 dB Steps
Gain Accuracy
±0.2 dB
Distortion @ 3.5 Vrms
> 90 dB 1 kHz-10 kHz
(at 0 dB Gain)
Overload Light
lights at
≈ 24 V p-p
Transfer Function
Bessel with Constant
of Filters
Delay in the Pass-Band
Offset Voltage
Adjustable to Zero
Offset Voltage Range
0-60 dB Gain Setting
± 0.5 VDC
70 dB Gain Setting
± 1.5 VDC
* Minimum Discernable Signal is that signal that makes the output of the 960 Amplifier increase by 3 dB when measured with a wideband (2 MHz)
True RMS Voltmeter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com