Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RD2-3CWC-M Datasheet(PDF) 54 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 50Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 53Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 54Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 55Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 56Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 57Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
Rev. F - 15 February, 2001
54
T89C51RD2
They are several software registers described in Table 29
Table 29. Default values
After programming the part by ISP, the BSB must be reset (00h) in order to allow the application to boot at 0000h.
The content of the Software Security Byte (SSB) is described in Table 30 and Table 31
To assure code protection from a parallel access, the HSB must also be at the required level.
The three lock bits provide different levels of protection for the on-chip code and data, when programmed according
to Table 31.
Mnemonic
Default value
BSB
Boot Status Byte
FFh
SBV
Software Boot Vector
FCh
HSB
Copy of the Hardware security byte
18h or 1Bh
SSB
Software Security Byte
FFh
Copy of the Manufacturer Code
58h
ATMEL Wireless and
Microcontrollers
Copy of the Device ID #1: Family Code D7h
C51 X2, Electrically Erasable
Copy of the Device ID #2: memories
size and type
FCh
T89C51RD2 memories size
Copy of the Device ID # 3: name and revi-
sion
FFh
T89C51RD2, revision 0
Table 30. Software Security Byte (SSB)
7
6
5
4
3
2
1
0
-
-
-
LB1
-
-
-
LB0
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
Do not clear this bit.
6
-
Reserved
Do not clear this bit.
5
-
Reserved
Do not clear this bit.
4
LB1
User Memory Lock Bit
See Table 31
1-3
-
Reserved
Do not clear this bit.
0
LB0
User Memory Lock Bit
See Table 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com