Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RD2-3CWC-M Datasheet(PDF) 63 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 59Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 60Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 61Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 62Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 63Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 64Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 65Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 66Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
63
Rev. F - 15 February, 2001
T89C51RD2
API call
Parameter
READ copy of the device
ID#1
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 00h
DPH = 00h
DPL = 01h (device ID # 1)
Return Parameter
ACC = value of byte read
READ copy of the device
ID#2
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 00h
DPH = 00h
DPL = 02h (device ID # 2)
Return Parameter
ACC = value of byte read
READ copy of the device
ID#3
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 00h
DPH = 00h
DPL = 03h (device ID # 2)
Return Parameter
ACC = value of byte read
READ SOFTWARE
SECURITY BITS
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 07h
DPH = 00h
DPL = 00h (Software security bits)
Return Parameter
ACC = value of byte read
READ copy of the
HARDWARE SECURITY
BITS
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 07h
DPH = 00h
DPL = 03h (Hardtware security bits)
Return Parameter
ACC = value of byte read
READ BOOT VECTOR
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 07h
DPH = 00h
DPL = 02h (boot vector)
Return Parameter
ACC = value of byte read
READ BOOTLOADER
VERSION
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 08h
Return Parameter
ACC = value of byte read
READ BOOT STATUS
BYTE
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 07h
DPH = 00h
DPL = 01h (status byte)
Return Parameter
ACC = value of byte read
Table 33. API calls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com