Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RD2-3CWC-M Datasheet(PDF) 62 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 58Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 59Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 60Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 61Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 62Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 63Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 64Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 65Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
Rev. F - 15 February, 2001
62
T89C51RD2
PROGRAM DATA PAGE
Input Parameters:
R0 = osc freq (integer Not required)
R1 = 09h
DPTR0 = address of the first byte to program in the FLASH memory
DPTR1 = address in XRAM of the first data to program (second data pointer)
ACC = number of bytes to program
Return Parameter
ACC = 00 if pass, !00 if fail
Remark: number of bytes to program is limited such as the FLASH write remains in a single 128bytes
page. Hence, when ACC is 128, valid values of DPL are 00h, or, 80h.
ERASE BOOT VECTOR
STATUS BYTE
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 04h
DPH = 00h
DPL = don’t care
Return Parameter
none
PROGRAM SOFTWARE
SECURITY BIT
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 05h
DPH = 00h
DPL = 00h – security bit # 1 (inhibit writing to FLASH)
01h – security bit # 2 (inhibit FLASH verify)
10h - allows ISP writing to FLASH*
11h - allows ISP FLASH verify*
Return Parameter
none
PROGRAM BOOT
STATUS BYTE
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 06h
DPH = 00h
DPL = 00h – program status byte
ACC = status byte
Return Parameter
ACC = status byte
PROGRAM BOOT
VECTOR
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 06h
DPH = 00h
DPL = 01h – program boot vector
ACC = boot vector
Return Parameter
ACC = boot vector
READ DEVICE DATA
Input Parameters:
R1 = 03h
DPTR = address of byte to read
Return Parameter
ACC = value of byte read
READ copy of the
MANUFACTURER ID
Input Parameters:
R0 = osc freq (integer Not required, left for Philips compatibility)
R1 = 00h
DPH = 00h
DPL = 00h (manufacturer ID)
Return Parameter
ACC = value of byte read
Table 33. API calls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com