Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RD2-3CWC-M Datasheet(PDF) 55 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 53Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 54Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 55Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 56Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 57Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 58Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
55
Rev. F - 15 February, 2001
T89C51RD2
Table 31. Program Lock bits of the SSB
U: unprogrammed or "one" level.
P: programmed or "zero" level.
X:do not care
WARNING: Security level 2 and 3 should only be programmed after FLASH and code verification.
8.5. FLASH memory status
T89C51RD2 parts are delivered in standard with the ISP boot in the FLASH memory. After ISP or parallel
programming, the possible contents of the FLASH memory are summarized on the figure below:
Figure 19. FLASH memory possible contents
8.6. Boot process
Boot loader FLASH
When the user application programs its own FLASH memory, all of the low level details are handled by a code
that is permanently contained in a 1k byte “Boot FLASH” and is located in the last kilobyte of the FLASH memory
from FC00h to FFFFh (See Figure 20). A user program simply calls the common entry point in the Boot FLASH
with appropriate parameters to accomplish the desired operation. Boot FLASH operations include functions like:
Program Lock Bits
Protection description
Security
level
LB0
LB1
1
U
U
No program lock features enabled.
2
P
U
following commands are disabled:
- program byte
- program status byte and boot vector
- erase status byte and boot vector
3
X
P
Same as 2 and following commands also disabled:
- read byte
- read status byte and boot vector
- blank check
- program SSB level2
0000h
Boot
Virgin
FC00h
Default
Boot
Boot
Virgin
Boot
Virgin
After ISP
After parallel
programming
After parallel
programming
After parallel
programming
Application
Application
Boot
Virgin
After ISP
or appli
or appli
or appli
Dedicated
ISP
Dedicated
ISP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com