Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP2X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NP2X Datasheet HTML 1Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 2Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 3Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 4Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 5Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 6Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 7Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 8Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
38
innovative
solutions
I superior quality
Plugs
&
Jacks
Plugs
&
Jacks
Content
Page
Plugs:
1/4" Phone Plug - PX Series ....................................... 40
1/4" Phone Plug - crystalCON ...................................... 41
1/4" Phone Plug - jumboPLUG ..................................... 41
1/4" Phone Plug - silentPLUG ..................................... 42
1/4" Phone Plug - timbrePLUG ..................................... 43
1/4" Phone Plugs - C Series ......................................... 44
MIL / B-Gauge Type Phone Plugs .................................. 44
0.173" Bantam Type Miniature Plugs ........................... 45
3.5 mm Right-Angle Stereo Plug .................................. 45
Technical Data ............................................................ 46
Ordering Information .................................................. 47
Accessories ................................................................. 48
Jacks:
Locking 1/4" Cable Jacks ............................................ 49
Locking 1/4" Chassis Jacks .......................................... 50
1/4" Vertical Jacks ...................................................... 51
M Jacks ...................................................................... 52
Slim Jacks .................................................................. 53
Stacking Jacks ............................................................. 54
Technical Data ............................................................ 55
Ordering Information .................................................. 56
Accessories .................................................................. 57
Phono (RCA):
Profi - RCA Serie ......................................................... 58
Phono Socket .............................................................. 58
Technical Data ............................................................. 59
Ordering Information .................................................. 59
Accessories .................................................................. 59
Inline Adapter:
plug2PLUG .................................................................. 60
Ordering Information ................................................... 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com