Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP2X Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NP2X Datasheet HTML 4Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 5Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 6Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 7Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 8Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 9Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 10Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 11Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
45
NP3TT-1-B
NP3TT-2
NTP3RC
NP3TT-1
NP3TT-P
NTP3RC
www.neutrik.com
Plugs
Plugs
0.173" Bantam Type Miniature Plugs
3.5 mm Right-Angle Ster eo Plug
• Very robust ergonomic design
• Gold contact version in combination with the NJ3TTA jack
eliminates contact problems due to corrosion or dirt
• The single plug NP3TT-P and the dual bantam plug NP3TT-2
are made for assembling with a standard HEX crimping
tool as used with coax cables
• Solder termination for T + R, crimp termination for sleeve
contact
• The only available 3.5 mm plug with chuck type strain relief
• All metal housing - reliable and robust
• Easy to assemble, simple to use
• Slim design - space saving
• Excellent cable protection
• All Nickel or black housing, available with gold plated
contacts
Bantam plug
Dual bantam plug
Gold plated
contacts
Easy connector
assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com