Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP2X Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button NP2X Datasheet HTML 15Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 16Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 17Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 18Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 19Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 20Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 21Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 22Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
59
www.neutrik.com
RCA
Series
Specification
Profi®
Phono Socket
Accessories
Rated current per contact
16 A rms continuous
Rated insulation voltage
50 V ac
Insulation resistance
> 100 G
Ω
< 5 G
Ω
Dielectric strength
1.5 kV dc
0.5 kV dc
Capacitance (pin to shell)
7 pf
9 pf
Life time (mating cycles)
> 2000
Cable O.D. range
3.0 - 7.3 mm
-
Wiring
soldering
Max. wire size
2.5 m2 / 14 AWG
-
Cable anchoring
Neutrik® chuck type strain relief
-
Housing
Brass (CuZn39Pb3)
-
Zinc diecast (ZnAICu1)
-
Insert
PBTP 20% GR
-
Contacts
Brass (CuZn39Pb3)
Contact plating
5 µm Au plated over 5 µm Ni
Chuck
Polyacetal (POM)
-
Temperature range
-30°C to +80°C
Protection class
IP 40
Flammability
UL 94 HB
Solderability
complies with IEC 68-2-20
Phono (RCA) Socket
NF2D-*
Chassis Phono (RCA) socket in D Shape housing
NF2D-B-*
Chassis Phono (RCA) socket in black D Shape housing
* color coding: 0 - Black, 1- Brown, 2 - Red, 3 - Orange, 4 - Yellow, 5 - Green, 6 - Blue, 7 - Violet, 8 - Grey, 9 - White
Or dering Information
Phono Profi®
NF2C-B2
Professional "phono Plug" (RCA or CINCH type), two plugs with red and black coding, two strain relief
chucks for a second cable diameter
Electrical
Mechanical
Material
Envir onment
NDP
Dummy plug for phone socket
NZP1RU-8
Panel 1RU housing with 8 D-shape cutouts
NZP1RU-12
Panel 1RU housing with 12 D-shape cutouts
SCL
Plastic sealing cover to protect the connector sockets against dust and moisture
SCDP-*
D-Size sealing gaskets, colour coding (*: 0- black, 2- red, 4- yellow, 5- green, 6- blue, 9- white)
SCDX
Hinged cover seals D-size chassis connectors, IP54 rated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com