Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP2X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NP2X
Description  Plugs & Jacks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NP2X Datasheet HTML 1Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 2Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 3Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 4Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 5Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 6Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 7Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 8Page - List of Unclassifed Manufacturers NP2X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
39
www.neutrik.com
Plugs
&
Jacks
Plugs
&
Jacks
Introduction
The Neutrik® plug and jack program offers a wide range
of professional phone connectors including 1/4", 3.5 mm,
MIL/B-gauge style and TT or bantam style plugs. The jack
range offers an exceptional "slim" 1/4" PCB jack that is
almost 20% smaller than most other designs. The heavy
duty M line combines a wide range of options such as three
different nose forms and four styles of contacts including 3
PCB and one solder tab. It also includes a 1/4" chassis and
cable jack line with the secure locking feature, well known
from the XLR range. All jacks are manufactured from strong
high-grade thermoplastics and are available in all common
versions which make them suitable for audio and indus-
trial applications.
The plug line features:
- Mono (TS) and Stereo (TRS) plugs
- Straight and right-angle versions
- Rugged diecast shell in nickel or black chromium
- Nickel or gold plated contacts
- Chuck type strain relief
- Precision machined plugfinger without rivets
- Coloured boots and rings for coding
- Silent Plug for instrument (guitar) applications
All plugs and jacks are specified to IEC 60603-11 and
EIA RS-453 or the respective MIL standard.
Neutrik® also offers a special jack version which is a combined
3 pole XLR receptacle and a 1/4" phone jack for balanced
mic or line inputs in one XLR shell. This "one for two" panel
mount offers substantial cost, labour and material savings.
For more information on the Combo products see page 29
and 30 or visit our website at www.neutrik.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com