Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13381F4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13381F4
Description  CSD13381F4, 12 V N-Channel FemtoFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13381F4 Datasheet(HTML) 4 Page - Texas Instruments

  CSD13381F4 Datasheet HTML 1Page - Texas Instruments CSD13381F4 Datasheet HTML 2Page - Texas Instruments CSD13381F4 Datasheet HTML 3Page - Texas Instruments CSD13381F4 Datasheet HTML 4Page - Texas Instruments CSD13381F4 Datasheet HTML 5Page - Texas Instruments CSD13381F4 Datasheet HTML 6Page - Texas Instruments CSD13381F4 Datasheet HTML 7Page - Texas Instruments CSD13381F4 Datasheet HTML 8Page - Texas Instruments CSD13381F4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = 1.8V
VGS = 4.5V
ID =0.5A
G001
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250uA
G001
100
120
140
160
180
200
220
240
260
280
300
0
1
2
3
4
5
6
7
8
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 0.5A
TC = 125ºC Id = 0.5A
G001
0
1
2
3
4
5
6
7
8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Qg - Gate Charge (nC)
ID = 0.5A
VDS = 6V
G001
1
10
100
1000
0
2
4
6
8
10
12
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
CSD13381F4
SLPS448A – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 4. Gate Charge
Figure 5. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On-State Resistance vs. Gate-to-Source Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD13381F4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com