Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13381F4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13381F4
Description  CSD13381F4, 12 V N-Channel FemtoFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13381F4 Datasheet(HTML) 5 Page - Texas Instruments

  CSD13381F4 Datasheet HTML 1Page - Texas Instruments CSD13381F4 Datasheet HTML 2Page - Texas Instruments CSD13381F4 Datasheet HTML 3Page - Texas Instruments CSD13381F4 Datasheet HTML 4Page - Texas Instruments CSD13381F4 Datasheet HTML 5Page - Texas Instruments CSD13381F4 Datasheet HTML 6Page - Texas Instruments CSD13381F4 Datasheet HTML 7Page - Texas Instruments CSD13381F4 Datasheet HTML 8Page - Texas Instruments CSD13381F4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
−50
−25
0
25
50
75
100
125
150
175
TA - AmbientTemperature (ºC)
Typical RthetaJA =90ºC/W(max Cu)
G001
0.01
0.1
1
10
100
0.01
0.1
1
10
50
VDS - Drain-to-Source Voltage (V)
1ms
10ms
100ms
1s
DC
Single Pulse
Typical RthetaJA =250ºC/W(min Cu)
G001
0.1
1
10
100
0.001
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
CSD13381F4
www.ti.com
SLPS448A – JULY 2013 – REVISED NOVEMBER 2013
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD13381F4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com