Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13381F4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13381F4
Description  CSD13381F4, 12 V N-Channel FemtoFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13381F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD13381F4 Datasheet HTML 1Page - Texas Instruments CSD13381F4 Datasheet HTML 2Page - Texas Instruments CSD13381F4 Datasheet HTML 3Page - Texas Instruments CSD13381F4 Datasheet HTML 4Page - Texas Instruments CSD13381F4 Datasheet HTML 5Page - Texas Instruments CSD13381F4 Datasheet HTML 6Page - Texas Instruments CSD13381F4 Datasheet HTML 7Page - Texas Instruments CSD13381F4 Datasheet HTML 8Page - Texas Instruments CSD13381F4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
D
G
S
0.35
mm
CSD13381F4
www.ti.com
SLPS448A – JULY 2013 – REVISED NOVEMBER 2013
12 V, N-Channel FemtoFET™ MOSFET
Check for Samples: CSD13381F4
PRODUCT SUMMARY
1
FEATURES
VDS
Drain-to-Source Voltage
12
V
2
•
Low On Resistance
Qg
Gate Charge Total (4.5V)
1060
pC
•
Low Qg and Qgd
Qgd
Gate Charge Gate to Drain
140
pC
•
Low Threshold Voltage
VGS = 1.8V
310
RDS(on)
Drain-to-Source On Resistance
VGS = 2.5 V
170
m
Ω
•
Ultra-Small Footprint (0402 Case Size)
VGS = 4.5 V
140
–
1.0 mm x 0.6 mm
VGS(th)
Threshold Voltage
0.85
V
•
Ultra-Low Profile
–
0.35 mm Height
Text Added For Spacing
•
Integrated ESD Protection Diode
ORDERING INFORMATION
Device
Qty
Media
Package
Ship
–
Rated > 4 kV HBM
7-Inch
–
Rated > 2 kV CDM
CSD13381F4
3000
Reel
Femto(0402) 1.0 mm x
Tape and
•
Pb and Halogen Free
0.6 mm SMD Lead Less
Reel
7-Inch
CSD13381F4T
250
Reel
•
RoHS Compliant
Text Added For Spacing
APPLICATIONS
ABSOLUTE MAXIMUM RATINGS
•
Optimized for Load Switch Applications
TA = 25°C unless otherwise stated
VALUE
UNIT
•
Optimized for General Purpose Switching
VDS
Drain-to-Source Voltage
12
V
Applications
VGS
Gate-to-Source Voltage
8
V
•
Single-Cell Battery Applications
ID
Continuous Drain Current, TA = 25°C
(1)
2.1
A
IDM
Pulsed Drain Current, TA = 25°C
(2)
7
A
•
Handheld and Mobile Applications
PD
Power Dissipation(1)
500
mW
Human Body Model (HBM)
4
kV
DESCRIPTION
ESD
Rating Charged Device Model (CDM)
2
kV
The FemtoFET™ MOSFET technology has been
TJ,
Operating Junction and Storage
designed and optimized to minimize the footprint in
–55 to 150
°C
TSTG
Temperature Range
many
handheld
and
mobile
applications.
This
Avalanche Energy, single pulse ID = 7.4 A,
technology is capable of replacing standard small
EAS
2.7
mJ
L = 0.1 mH, RG = 25 Ω
signal MOSFETs while providing at least a 60%
(1) Typical RθJA = 90°C/W on 1-inch
2 (6.45-cm2), 2-oz. (0.071-
reduction in footprint size.
mm thick) Cu pad on a 0.06-inch (1.52-mm) thick FR4 PCB.
.
(2) Pulse duration
≤300 μs, duty cycle ≤2%
Typical Part Dimensions
Top View
.
.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FemtoFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD13381F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD13381F4T TI1-CSD13381F4T Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
More results

Similar Description - CSD13381F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com