Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE2124 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE2124
Description  Dual HDSL/SDSL ANALOG FRONT END
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE2124 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  AFE2124 Datasheet HTML 1Page - Burr-Brown (TI) AFE2124 Datasheet HTML 2Page - Burr-Brown (TI) AFE2124 Datasheet HTML 3Page - Burr-Brown (TI) AFE2124 Datasheet HTML 4Page - Burr-Brown (TI) AFE2124 Datasheet HTML 5Page - Burr-Brown (TI) AFE2124 Datasheet HTML 6Page - Burr-Brown (TI) AFE2124 Datasheet HTML 7Page - Burr-Brown (TI) AFE2124 Datasheet HTML 8Page - Burr-Brown (TI) AFE2124 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
AFE2124
SPECIFICATIONS
Typical at 25
°C, AV
DD = +5V, DVDD = +3.3V, and txBaudCLK = 584kHz (E1 rate), unless otherwise noted.Specifications apply to each channel of the AFE2124.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
AFE2124E
PARAMETER
COMMENTS
MIN
TYP
MAX
UNITS
RESOLUTION
14
Bits
RECEIVE CHANNEL
Number of Inputs
Differential
2
Input Voltage Range
Balanced Differential(1)
±3.0
V
Common-Mode Voltage
AVDD/2
V
Input Impedance All Inputs
See Typical Performance Curves
Input Capacitance
10
pF
Input Gain Matching
Line Input vs Hybrid Input
±2%
Programmable Gain
0dB, 3dB, 6dB, 9dB and 12dB
0
+12
dB
Settling Time
For Any Change in Gain or txBaud CLK
6
Symbol Periods
Gain + Offset Error
Tested at Each Gain Range
5
%FSR(2)
Output Data Coding
Two’s Complement
Output Symbol Rate, rxSYNC(3)
32
584
kHz
Output Bit Rate, rxSYNC(3)
64
1168
kbits/sec
TRANSMIT CHANNEL
Transmit Clock Rate, txBaudCLK
Symbol Rate
32
584
kHz
T1 Transmit –3dB Point
ETSI RTR/TM - Compliant
196
kHz
T1 Rate Power(4, 5)
txBoost = 0
13
14
dBm
E1 Transmit –3dB Point
ETSI RTR/TM - Compliant
292
kHz
E1 Transmit Power(4, 5)
txBoost = 0
13
14
dBm
Pulse Output
See Typical Performance Curves
Common-Mode Voltage, VCM
AVDD/2
V
Output Resistance(6)
DC to 1MHz
1
Ω
TRANSCEIVER PERFORMANCE
Uncancelled Echo(5)
rxGAIN = 0dB, Loopback Enabled
–71
–68.5
dB
rxGAIN = 0dB, Loopback Disabled
–71
–68.5
dB
rxGAIN = 3dB, Loopback Disabled
–74
–71
dB
rxGAIN = 6dB, Loopback Disabled
–76
–73.5
dB
rxGAIN = 9dB, Loopback Disabled
–78
–75.5
dB
rxGAIN = 12dB, Loopback Disabled
–80
–77.5
dB
DIGITAL INTERFACE(6)
Logic Levels
VIH
|IIH| < 10µADVDD – 1
DVDD + 0.3
V
VIL
|IIL| < 10µA
–0.3
+0.8
V
VOH
IOH = –20µADVDD – 0.5
V
VOL
IOL = 20µA
+0.4
V
trx1 Interface
914
ns
POWER
Analog Power Supply Voltage
Specification
5
V
Analog Power Supply Voltage
Operating Range
4.75
5.25
V
Digital Power Supply Voltage
Specification
3.3
V
Digital Power Supply Voltage
Operating Range
3.15
5.25
V
Power Dissipation(4, 5)
AVDD = 5V, DVDD = 3.3V,
250
mW
Power Dissipation(4, 5)
AVDD = DVDD = 5V
300
mW
Power Supply Rejection Ratio (PSRR)
55
dB
TEMPERATURE RANGE
Operating(6)
–40
+85
°C
NOTES: (1) With a balanced differential signal, the positive input is 180
° out of phase with the negative input, therefore, the actual voltage swing about the common-
mode voltage on each pin is
±1.5V to achieve a total input range of ±3.0V or 6Vp-p. (2) FSR is Full-Scale Range. (3) The output data is available at twice the symbol
rate. (4) With a pseudo-random equiprobable sequence of HDSL pulses; 13.5dBm applied to the transformer (16.5dBm output from txLINEP and txLINEN). (5) See
the Discussion of Specifications section of this data sheet for more information. (6) Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com