Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE2124 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE2124
Description  Dual HDSL/SDSL ANALOG FRONT END
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE2124 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  AFE2124 Datasheet HTML 1Page - Burr-Brown (TI) AFE2124 Datasheet HTML 2Page - Burr-Brown (TI) AFE2124 Datasheet HTML 3Page - Burr-Brown (TI) AFE2124 Datasheet HTML 4Page - Burr-Brown (TI) AFE2124 Datasheet HTML 5Page - Burr-Brown (TI) AFE2124 Datasheet HTML 6Page - Burr-Brown (TI) AFE2124 Datasheet HTML 7Page - Burr-Brown (TI) AFE2124 Datasheet HTML 8Page - Burr-Brown (TI) AFE2124 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AFE2124
®
Dual HDSL /SDSL ANALOG FRONT END
FEATURES
q SERIAL DIGITAL INTERFACE
q 48-LEAD SSOP PACKAGE
q E1, T1 AND SDSL OPERATION
q 64kbps TO 1168kbps OPERATION
q SCALEABLE DATA RATE
q 250mW POWER DISSIPATION PER
CHANNEL
q TWO COMPLETE HDSL ANALOG INTER-
FACES
q +5V POWER (5V or 3.3V Digital)
DESCRIPTION
Burr-Brown’s dual Analog Front End chip greatly re-
duces the size and cost of a DSL (Digital Subscriber
Line) system by providing all of the active analog
circuitry needed to connect two digital signal processors
to external compromise hybrids and line transformers.
The AFE2124 is optimized for HDSL (High bit rate
DSL) and for SDSL (symmetrical DSL) applications.
Because the transmit and receive filter responses auto-
matically change with clock frequency, the AFE2124 is
particularly suitable for multiple rate DSL systems. The
device operates over a wide range of data rates from
64kbps to 1168kbps.
Functionally, each half of this unit consists of a transmit
and a receive section. The transmit section generates
analog signals from 2-bit digital symbol data and filters
the analog signals to create 2B1Q symbols. The on-
board differential line driver provides a 13.5dBm signal
to the telephone line. The receive section filters and
digitizes the symbol data received on the telephone line.
This IC operates on a single 5V supply. The digital
circuitry in the unit can be connected to a supply from
3.3V to 5V. It is housed in a 48-lead SSOP package.
©1999 Burr-Brown Corporation
PDS-1538A
Printed in U.S.A. April, 1999
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
∆Σ
Modulator
Pulse Former
Programmable
Gain Amp
Difference
Amplifier
Patents Pending
1/2 of AFE2124
Line Driver
txLINE
txLINE
rxHYB
rxHYB
rxLINE
rxLINE
tx and rx
Control
Registers
tx and rx
Interface
Lines
Decimation
Filter
For most current data sheet and other product
information, visit www.burr-brown.com
AFE2124


Similar Part No. - AFE2124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
Dual HDSL/SDSL ANALOG FRONT END
AFE2124E/1K TI1-AFE2124E/1K Datasheet
178Kb / 14P
Dual HDSL/SDSL ANALOG FRONT END
AFE2124E/1KG4 TI1-AFE2124E/1KG4 Datasheet
178Kb / 14P
Dual HDSL/SDSL ANALOG FRONT END
More results

Similar Description - AFE2124

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
HDSL/MDSL ANALOG FRONT END
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
HDSL/MDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
Dual HDSL/SDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
HDSL/MDSL ANALOG FRONT END
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com