Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE2124 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE2124
Description  Dual HDSL/SDSL ANALOG FRONT END
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE2124 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button AFE2124 Datasheet HTML 3Page - Burr-Brown (TI) AFE2124 Datasheet HTML 4Page - Burr-Brown (TI) AFE2124 Datasheet HTML 5Page - Burr-Brown (TI) AFE2124 Datasheet HTML 6Page - Burr-Brown (TI) AFE2124 Datasheet HTML 7Page - Burr-Brown (TI) AFE2124 Datasheet HTML 8Page - Burr-Brown (TI) AFE2124 Datasheet HTML 9Page - Burr-Brown (TI) AFE2124 Datasheet HTML 10Page - Burr-Brown (TI) AFE2124 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
®
AFE2124
LAYOUT
The analog front end of an HDSL system has two conflicting
requirements. It must accept and deliver moderately high
rate digital signals and it must generate, drive, and convert
precision analog signals. To achieve optimal system perfor-
mance with the AFE2124, both the digital and the analog
sections must be treated carefully in board layout design.
The power supply for the digital section of the AFE2124 can
range from 3.3V to 5V. This supply should be decoupled to
digital ground with ceramic 0.1
µF capacitors placed as close
to DGND and DVDD as possible. One capacitor should be
placed between pins 7 and 8 and the second capacitor,
between pins 41 and 42. Ideally, both a digital power supply
plane and a digital ground plane should run up to and
underneath the digital pins of the AFE2124 (pins 1 through
6, and pins 43 through 48). However, DVDD may be supplied
by a wide printed circuit board (PCB) trace. A digital ground
plane underneath all digital pins is strongly recommended.
The remaining portion of the AFE2124 should be considered
analog. All AGND pins should be connected directly to a
common analog ground plane and all AVDD pins should be
connected to an analog 5V power plane. Both of these planes
should have a low impedance path to the power supply. The
analog power supply pins should be decoupled to analog
ground with ceramic 0.1
µF capacitors placed as close to the
AFE2124 as possible. One 10
µF tantalum capacitor should
also be used with each AFE2124 between the analog supply
and analog ground.
Ideally, all ground planes and traces and all power planes
and traces should return to the power supply connector
before being connected together (if necessary). Each ground
and power pair should be routed over each other, should not
overlap any portion of another pair, and the pairs should be
separated by a distance of at least 0.25 inch (6mm). One
exception is that the digital and analog ground planes should
be connected together underneath the AFE2124 by a small
trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com