Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE2124 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE2124
Description  Dual HDSL/SDSL ANALOG FRONT END
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE2124 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button AFE2124 Datasheet HTML 3Page - Burr-Brown (TI) AFE2124 Datasheet HTML 4Page - Burr-Brown (TI) AFE2124 Datasheet HTML 5Page - Burr-Brown (TI) AFE2124 Datasheet HTML 6Page - Burr-Brown (TI) AFE2124 Datasheet HTML 7Page - Burr-Brown (TI) AFE2124 Datasheet HTML 8Page - Burr-Brown (TI) AFE2124 Datasheet HTML 9Page - Burr-Brown (TI) AFE2124 Datasheet HTML 10Page - Burr-Brown (TI) AFE2124 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
AFE2124
For the transmit channel, the pulse shape and the power
spectral density scale directly with the clock rate. The power
spectral density shown in Curve 1 and the pulse template
shown in Curve 2 are measured at the output of the trans-
former. The transformer and the RC circuit on the output
provide some smoothing for the output transmission. At
lower bit rates, the amount of smoothing will be less.
rxHYB AND rxLINE INPUT
ANTI-ALIASING FILTERS
An external input antialiasing filter is needed on the hybrid
and line inputs as shown in Figure 6. The –3dB frequency of
the input anti-aliasing filter for the rxLINE and rxHYB
differential inputs should be approximately 1MHz for T1
and E1 symbol rates. Suggested values for the filter are
750
Ω for each of the two input resistors and 100pF for the
capacitor. Together, the two 750
Ω resistors and the 100pF
capacitor result in a 3dB frequency of just over 1MHz. The
750
Ω input resistors will result in minimal voltage divider
loss with the input impedance of the AFE2124.
The anti-aliasing filters will give best performance with 3dB
frequency approximately equal to the bit rate. For example,
a 3dB frequency of 320kHz may be used for a single line bit
rate of 320k bits per second.
FIGURE 6. Basic Connection Diagram for Each Channel of the AFE2124.
REF
P
V
CM
REF
N
DV
DD DVDD
AV
DD
1/2
AFE2124
AV
DD
AV
DD
rxbaudCLK
rx48xCLK
Data Out
txbaudCLK
tx48xCLK
Data In
HDSL DSP
GNDA
GNDA
GNDA
txLINE+
txLINE–
rxHYB+
rxHYB–
rxLINE–
rxLINE+
0.01
µF
–
–
+
+
Compromise
Hybrid
Input Antialias Filter
fc
≅ 2 x Symbol Rate
0.01
µF
5V Analog
0.1
µF
0.1
µF
0.1
µF 0.1µF
0.1
µF
1 - 10
µF
100pF
750
Ω
100pF
750
Ω
750
Ω
13
Ω
13
Ω
750
Ω
5V to 3.3V Digital
1:2 Transformer
Tip
Ring
0.1
µF
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com