Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CMPWR101
Description  250mA SMARTOR Regulator with V switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR101 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CMPWR101 Datasheet HTML 1Page - California Micro Devices Corp CMPWR101 Datasheet HTML 2Page - California Micro Devices Corp CMPWR101 Datasheet HTML 3Page - California Micro Devices Corp CMPWR101 Datasheet HTML 4Page - California Micro Devices Corp CMPWR101 Datasheet HTML 5Page - California Micro Devices Corp CMPWR101 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CALIFORNIA MICRO DEVICES
©2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
3/6/2001
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
CMPWR101
Typical DC Characteristics (nominal conditions unless specified otherwise)
Figure 1. Supply Current vs Voltage (V
AUX = 3.3V)
Figure 2. Switch Resistance vs Supply Voltage
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
2.7
3.0
3.3
3.6
Auxiliary Supply Voltage (V)
Figure 3. Ground Current vs Output Load
Figure 4. Line Regulation (1% and 100% rated load)
Figure 5. Load Regulation
Figure 6. Dropout Voltage with Load Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
100
200
300
Load Current (mA)
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
5mA Load
250mA Load
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
0
100
200
300
400
Load Current (mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
Load Current (mA)
01
2
3
4
5
6
VCC Supply Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com