Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CMPWR101
Description  250mA SMARTOR Regulator with V switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR101 Datasheet(HTML) 1 Page - California Micro Devices Corp

  CMPWR101 Datasheet HTML 1Page - California Micro Devices Corp CMPWR101 Datasheet HTML 2Page - California Micro Devices Corp CMPWR101 Datasheet HTML 3Page - California Micro Devices Corp CMPWR101 Datasheet HTML 4Page - California Micro Devices Corp CMPWR101 Datasheet HTML 5Page - California Micro Devices Corp CMPWR101 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CALIFORNIA MICRO DEVICES
© 2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
3/6/2001
1
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR101
250mA SmartORTM Regulator with V
AUX Switch
Features
• Automatic detection of V
CC input supply
• Glitch-free output during supply transitions
• Built-in hysteresis during supply selection
• 250mA output maximum load current
• Fully integrated V
AUX switch
• Overload current protection
• Short circuit current protection
• Operates from either V
CC or VAUX
• 8-pin SOIC package
Product Description
The California Micro Devices’ SmartORTM CMPWR101 is
a low dropout regulator that delivers up to 250mA of load
current at a fixed 3.3V output. An internal threshold level
(typically 4.1V) is used to prevent the regulator from
being operated below dropout voltage. The device
continuously monitors the input supply and will automati-
cally disable the regulator when V
CC falls below the
threshold level. When the regulator is disabled, a low
impedance, fully integrated switch is enabled which
allows the output to be directly powered from an auxil-
iary 3.3V supply.
Applications
• PCI adapter cards
• Network Interface Cards (NIC’s)
• Dual power systems
• Systems with standby capabilities
C1660101
Pin Diagram
When V
CC is restored to a level above the select thresh-
old, the low impedance switch is disabled and the
regulator is once again enabled.
All the necessary control circuitry needed to provide a
smooth and automatic transition between the supplies
has been incorporated. This allows V
CC to be dynamically
switched without loss of output voltage.
An output logic signal, DRIVE, is active LOW whenever
the internal regulator is disabled.
PIN DIAGRAM AND APPLICATION CIRCUIT
STANDARD PART ORDERING INFORMATION
Package
Ordering Part Number
Pins
Style
Tubes
Tape & Reel
Part Marking
8
SOIC
CMPWR101S/T
CMPWR101S/R
CMPWR101S
NC
Top View
CMPWR101
8-Pin SOIC
GND
5
4
VOUT
VAUX
6
3
VOUT
VAUX
7
2
DRIVE
VCC
8
1
Typical Application Circuit
VCC
VCC
5V
VAUX
GND
GND
DRIVE
VOUT
VOUT
3.3V
250mA
CMPWR101
VAUX
3.3V
4µF
+
–
+
–
CIN
1µF
COUT
+
+


Similar Part No. - CMPWR101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CMPWR101 ONSEMI-CMPWR101 Datasheet
137Kb / 12P
250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
CMPWR101R ONSEMI-CMPWR101R Datasheet
137Kb / 12P
250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
More results

Similar Description - CMPWR101

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
300mA SMARTOR Regulator with V Drive
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
ON Semiconductor
CMPWR101 ONSEMI-CMPWR101 Datasheet
137Kb / 12P
250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
CMPWR150 ONSEMI-CMPWR150 Datasheet
148Kb / 15P
500mA/3.3V SmartOR Power Regulator
June 2010 Rev. 3
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
250mA Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com