Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMPWR101
Description  250mA SMARTOR Regulator with V switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR101 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMPWR101 Datasheet HTML 1Page - California Micro Devices Corp CMPWR101 Datasheet HTML 2Page - California Micro Devices Corp CMPWR101 Datasheet HTML 3Page - California Micro Devices Corp CMPWR101 Datasheet HTML 4Page - California Micro Devices Corp CMPWR101 Datasheet HTML 5Page - California Micro Devices Corp CMPWR101 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CALIFORNIA MICRO DEVICES
© 2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
3/6/2001
5
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR101
Typical Transient Characteristics (Supply source resistance set to 0.2
Ω)
Figure 7. V
CC Cold start Power Up (VAUX = 0V)
500mV
Drive
(200mA Load)
(VAUX = 0V)
VCC
VOUT
M 2ms
1V
Ch2
5V
3
Ch3
1V
Tek Run: 25kS/s
Sample
Ch1
4.66V
Drive
(200mA Load)
(VAUX = 0V)
VCC
VOUT
1V
Ch2
5V
3
Ch3
1V
Tek Run: 25kS/s
Sample
Ch1
M 2ms
Figure 8. V
CC Complete Power Down (VAUX = 0V)
2.5V
Drive
VCC (offset = 4.3V)
VOUT (offset = 3.3V)
100mV
Ch2
5V
3
2
Ch3
100mV
2.5MS/s
Tek
1 Acqs
Ch1
M 20µs
Figure 9. V
CC Power up (VAUX = 3.3V)
Figure 10. V
CC Power Down (VAUX = 3.3V)
2.5V
Drive
VCC (offset = 4.3V)
VOUT (offset = 3.3V)
100mV
Ch2
5V
3
2
Ch3
100mV
2.5MS/s
Tek
1 Acqs
Ch3
M 20µs
Figure 11. Load Transient (10% to 90%) Step Response
Figure 12. Line Transient (1Vpp) Step Response
2.08V
VCC (offset = 3.3V)
25mA to 225mA
Load Step
20mV
Ch2
2
2V
5MS/s
Tek
3 Acqs
Ch2
M 20µs
5.01V
VCC (offset = 5.0V)
VOUT (offset = 3.3V)
(5mA Load)
1V Step(4.5V to 5.5V)
20mV
Ch2
2
500mV
1MS/s
Tek
1 Acqs
Ch2
M 100µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com