Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR101 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CMPWR101
Description  250mA SMARTOR Regulator with V switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR101 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CMPWR101 Datasheet HTML 1Page - California Micro Devices Corp CMPWR101 Datasheet HTML 2Page - California Micro Devices Corp CMPWR101 Datasheet HTML 3Page - California Micro Devices Corp CMPWR101 Datasheet HTML 4Page - California Micro Devices Corp CMPWR101 Datasheet HTML 5Page - California Micro Devices Corp CMPWR101 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CALIFORNIA MICRO DEVICES
©2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
3/6/2001
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CMPWR101
Note 1: The power rating is based on a printed circuit board heat spreading capability equivalent to 2 square inches of copper connected to
the GND pins. Typical multi-layer boards using power plane construction will provide this heat spreading ability without the need for
additional dedicated copper area. (Please consult with factory for thermal evaluation assistance).
Note 2: The hysteresis defines the maximum level of acceptable disturbance on V
CC during switching. It is recommended that the VCC
source impedance be kept below 0.25
Ω to ensure the switching disturbance remains below the hysteresis during select/deselect
transitions. An input capacitor may be required to help minimize the switching transient.
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
ESD Protection (HBM)
2000
V
VCC, VOUT Voltages
6.0, GND –0.5
V
Drive Logic Voltage
VCC + 0.5, GND –0.5
V
VAUX Input Voltage
4.0, GND –0.5
V
Temperature: Storage
–40 to 150
˚C
Operating Ambient
0 to 70
˚C
Operating Junction
0 to 125
˚C
Power Dissipation (Note 1)
0.5
W
OPERATING CONDITIONS
Parameter
Range
Unit
VCC
5 ± 0.5
V
VAUX
3.3 ± 0.3
V
Temperature (Ambient)
0 to 70
˚C
Load Current
0 to 250
mA
CEXT
4.7 ± 20%
µF
ELECTRICAL OPERATING CHARACTERISTICS
(over operating conditions unless specified otherwise)
Symbol
Parameter
Conditions
MIN
TYP
MAX
UNIT
VOUT
Regulator Output Voltage
0mA < ILOAD < 250mA
3.135
3.30
3.465
V
ILIM
Regulator Current Limit
275
mA
VCCSEL
Select Voltage
Regulator Enabled
4.30
4.45
V
VCCDES
Deselect Voltage
Regulator Disabled
3.90
4.10
V
VCCHYST
Hysteresis Voltage (Note 2)
Hysteresis
0.20
V
VR LOAD
Load Regulation
VCC = 5V, ILOAD = 5 to 250mA
20
mV
VR LINE
Line Regulation
VCC = 4.5V to 5.5V, ILOAD = 5mA
2
mV
RSWITCH
Auxiliary Switch Resistance
VCCDES > VCC, VAUX = 3.3V
0.25
0.4
Ω
IRCC
VCC Pin Reverse Leakage
VAUX = 3.3V, VCC = 0V
2
50
µA
IRAUX
VAUX Pin Reverse Leakage
VAUX = 0V, VCC = 5V
2
50
µA
IGND
Ground Current
VCC < VCCDES, ILOAD = 0mA
0.2
0.4
mA
VCC > VCCSEL, ILOAD = 0mA
0.6
1.0
mA
VCC > VCCSEL, ILOAD = 250mA
0.7
1.2
mA
IAUX
VAUX Supply Current
VAUX > VCC
0.2
0.4
mA
VCC > VAUX
0.02
0.1
mA
ROH
Drive Pull-up Resistance
RPULLUP to VCC, VCC > VCCSEL
4.0
8.0
k
Ω
ROL
Drive Pull-down Resistance
RPULLDOWN to GND, VCCDES > VCC
0.1
0.4
k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com