Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR130 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CMPWR130
Description  300mA SMARTOR Regulator with V Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR130 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CMPWR130 Datasheet HTML 1Page - California Micro Devices Corp CMPWR130 Datasheet HTML 2Page - California Micro Devices Corp CMPWR130 Datasheet HTML 3Page - California Micro Devices Corp CMPWR130 Datasheet HTML 4Page - California Micro Devices Corp CMPWR130 Datasheet HTML 5Page - California Micro Devices Corp CMPWR130 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3/5/2001
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
CMPWR130
CALIFORNIA MICRO DEVICES
© 2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corp
Typical DC Characteristics (nominal conditions unless specified otherwise)
0
100
200
300
400
500
600
0
1.0
2.0
3.0
4.0
5.0
6.0
VCC (V)
VAUX = 3.3V
VAUX = 0V
Figure 1. Supply Current vs Voltage (V
AUX = 3.3V)
520
540
560
580
600
620
640
660
0
100
200
300
Load Current (mA)
Figure 2. Ground Current vs Output Load
Figure 3. Load Regulation
Figure 4. Line Regulation
3.20
3.25
3.30
3.35
3.40
0
100
200
300
400
Load Current (mA)
3.15
3.20
3.25
3.30
3.35
3.5
4.0
4.5
5.0
VCC (V)
5mA Load
300mA Load



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com