Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR130 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CMPWR130
Description  300mA SMARTOR Regulator with V Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR130 Datasheet(HTML) 1 Page - California Micro Devices Corp

  CMPWR130 Datasheet HTML 1Page - California Micro Devices Corp CMPWR130 Datasheet HTML 2Page - California Micro Devices Corp CMPWR130 Datasheet HTML 3Page - California Micro Devices Corp CMPWR130 Datasheet HTML 4Page - California Micro Devices Corp CMPWR130 Datasheet HTML 5Page - California Micro Devices Corp CMPWR130 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3/5/2001
1
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR130
CALIFORNIA MICRO DEVICES
© 2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corp
300mA SmartORTM Regulator with V
AUX Drive
Features
• Automatic detection of V
CC input supply
• Glitch-free output during supply transitions
• Built-in hysteresis during supply selection
• 300mA output maximum load current
• Overload current protection
• Short circuit current protection
• Operates from either V
CC or VOUT
• 8-pin SOIC package
Product Description
The SmartORTM CMPWR130 is a low dropout regulator
that delivers up to 300mA of load current at a fixed 3.3V
output. An internal threshold level (TYP 4.1V) is used to
prevent the regulator from being operated below dropout
voltage. The device continuously monitors the input
supply and will automatically disable the regulator when
V
CC falls below the threshold level. When the regulator is
disabled, the control signal “Drive” (Active Low) is
enabled, which allows an external PMOS switch to
power the load from an auxiliary 3.3V supply.
Applications
• PCI adapter cards
• Network Interface Cards (NIC’s)
• Dual power systems
• Systems with standby capabilities
C1670101
When V
CC is restored to a level above the select thresh-
old, the control signal for the external PMOS switch is
disabled and the regulator is once again enabled.
All the necessary control circuitry needed to provide a
smooth and automatic transition between the supplies
has been incorporated. This allows V
CC to be dynamically
switched without loss of output voltage.
PIN DIAGRAM AND APPLICATION CIRCUIT
Pin Diagram
NC
Top View
CMPWR130
8-Pin SOIC
GND
5
4
VOUT
NC
6
3
VOUT
NC
7
2
DRIVE
VCC
8
1
STANDARD PART ORDERING INFORMATION
Package
Ordering Part Number
Pins
Style
Tubes
Tape & Reel
Part Marking
8
SOIC
CMPWR130S/T
CMPWR130S/R
CMPWR130S
VCC
VCC
5V
GND
GND
DRIVE
MGSF1PO2ELT1
VOUT
VOUT
3.3V
300mA
CMPWR130
VAUX
3.3V
4µF
GND
+
–
CIN
1µF
COUT
+
+
+
–
Typical Application Circuit


Similar Part No. - CMPWR130

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
logo
ON Semiconductor
CMPWR101 ONSEMI-CMPWR101 Datasheet
137Kb / 12P
250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
CMPWR101R ONSEMI-CMPWR101R Datasheet
137Kb / 12P
250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
logo
California Micro Device...
CMPWR101S CALMIRCO-CMPWR101S Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR101SR CALMIRCO-CMPWR101SR Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
More results

Similar Description - CMPWR130

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR101 CALMIRCO-CMPWR101 Datasheet
97Kb / 6P
250mA SMARTOR Regulator with V switch
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
500mA/3.3V SMARTOR Power Regulator
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
500mA SMARTOR Dual Regulator with V switch?
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
logo
List of Unclassifed Man...
G901 ETC-G901 Datasheet
155Kb / 5P
3.3 V 300MA LOW DROPOUT REGULATOR
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
400mA SMARTOR REGULATOR Vaux SWITCH
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
logo
ON Semiconductor
CMPWR150 ONSEMI-CMPWR150 Datasheet
148Kb / 15P
500mA/3.3V SmartOR Power Regulator
June 2010 Rev. 3
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com