Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR130 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CMPWR130
Description  300mA SMARTOR Regulator with V Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR130 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CMPWR130 Datasheet HTML 1Page - California Micro Devices Corp CMPWR130 Datasheet HTML 2Page - California Micro Devices Corp CMPWR130 Datasheet HTML 3Page - California Micro Devices Corp CMPWR130 Datasheet HTML 4Page - California Micro Devices Corp CMPWR130 Datasheet HTML 5Page - California Micro Devices Corp CMPWR130 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3/5/2001
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CMPWR130
CALIFORNIA MICRO DEVICES
© 2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corp
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
ESD Protection (HBM)
2000
V
VCC, VOUT Voltages
6.0, GND –0.5
V
Drive Logic Voltage
VCC + 0.5, GND –0.5
V
Temperature: Storage
–40 to 150
˚C
Operating Ambient
0 to 70
˚C
Operating Junction
0 to 125
˚C
Power Dissipation (Note 1)
0.6
W
OPERATING CONDITIONS
Parameter
Range
Unit
VCC
5 ± 0.5
V
Temperature (Ambient)
0 to 70
˚C
Load Current
0 to 300
mA
CEXT
4.7 ± 20%
µF
ELECTRICAL OPERATING CHARACTERISTICS
(over operating conditions unless specified otherwise)
Symbol
Parameter
Conditions
MIN
TYP
MAX
UNIT
VOUT
Regulator Output Voltage
0mA < ILOAD < 300mA
3.10
3.30
3.50
V
VCCSEL
Select Voltage
Regulator Enabled
4.30
4.45
V
VCCDES
Deselect Voltage
Regulator Disabled
3.90
4.10
V
VCCHYST
Hysteresis Voltage
Hysteresis (Note 2)
0.20
V
IS/C
Short Circuit Output Current
VCC = 5V, VOUT = 0V
310
mA
IRCC
VCC Pin Reverse Leakage
VOUT = 3.3V, VCC = 0V
2
50
µA
VR LOAD
Load Regulation
VCC = 5V, ILOAD = 30 to 300mA
50
mV
VR LINE
Line Regulation
VCC = 4.5V to 5.5V, ILOAD = 5mA
50
mV
ICC
Quiescent Supply Current
VCC > VCCSEL, ILOAD = 0mA
0.6
0.8
mA
VCCDES > VCC > VOUT
0.2
mA
VOUT > VCC
0.01
0.02
mA
IGND
Ground Current (Note 3)
VCCSEL > VCC (Regulator Disabled)
0.2
0.4
mA
VCC = 5V, ILOAD = 5mA
0.6
0.8
mA
VCC = 5V, ILOAD = 300mA
0.7
1.4
mA
ROH
Drive Pull-up Resistance
RPULLUP to VCC, VCC > VCCSEL
4.0
8.0
k
Ω
ROL
Drive Pull-down Resistance
RPULLDOWN to GND, VCCDES > VCC
0.1
0.4
k
Ω
Note 1: The power rating is based on a printed circuit board heat spreading capability equivalent to 2 square inches of copper connected to
the GND pins. Typical multilayer boards using power plane construction will provide this heat spreading ability without the need for
additional dedicated copper area. (Please consult with factory for thermal evaluation assistance.)
Note 2: The hysteresis defines the maximum level of acceptable disturbance on V
CC during switching. It is recommended that the VCC
source impedance be kept below 0.25
Ω to ensure the switching disturbance remains below the hysteresis during select/deselect
transitions. An input capacitor may be required to help minimize the switching transient.
Note 3: Ground pin current consists of controller current (0.15mA) and regulator current if enabled. The controller always draws 0.15mA
from either V
CC or VOUT, whichever is greater. All regulator current is supplied exclusively from VCC. At high load currents a small
increase occurs due to current limit protection circuitry.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com