Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR130 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMPWR130
Description  300mA SMARTOR Regulator with V Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR130 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMPWR130 Datasheet HTML 1Page - California Micro Devices Corp CMPWR130 Datasheet HTML 2Page - California Micro Devices Corp CMPWR130 Datasheet HTML 3Page - California Micro Devices Corp CMPWR130 Datasheet HTML 4Page - California Micro Devices Corp CMPWR130 Datasheet HTML 5Page - California Micro Devices Corp CMPWR130 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3/5/2001
5
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR130
CALIFORNIA MICRO DEVICES
© 2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corp
3.06V
Drive
(300mA Load)
VCC
VOUT
M 1ms
1V
Ch1
Ch2
5V
2
Ch3
1V
Tek Run: 50kS/s
Sample
Ch2
Typical Transient Characteristics (Supply source resistance set to 0.2
Ω)
Figure 5. V
CC Cold Start Power UP (VAUX = 0V)
Figure 6. V
CC Complete Power Down (VAUX = 0V)
Figure 8. V
CC Power Down (VAUX = 3.3V)
Figure 7. V
CC Power UP (VAUX = 3.3V)
Figure 10. Line Transient (1V
pp) Step Response
Figure 9. Load Transient (10% to 90%)
Step Response
3.06V
Drive
(300mA Load)
VCC
VOUT
M 1ms
1V
5V
2
Ch3
Ch1
Ch2
1V
50kS/s
Tek
1 Acqs
Ch2
2.32V
VCC (offset = 4.2V)
Drive
VOUT (offset = 3.3V)
(300mA Load)
M 10µs
100mV
Ch1
5V
3
1
Ch3
2V
2.5MS/s
Tek
5 Acqs
Ch3
2.1V
VCC (offset = 4.2V)
Drive
VOUT (offset = 3.3V)
(300mA Load)
M 20µs
100mV
Ch1
5V
Ch3
3
1
100mV
Teck Run: 2.5MS/s
Sample
Ch3
Ch2
2.32V
Load
275mA
25mA
VOUT (offset = 3.3V)
M 10µs
100mV
Ch1
1
2
2V
5MS/s
Tek
3 Acqs
Ch2
5V
VCC
VOUT (offset = 3.3V)
M 100µs
20mV
Ch2
Ch1
500mV
500kS/s
Tek
2 Acqs
Ch2
4.5V
5.5V
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com