Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CMPWR150
Description  500mA/3.3V SMARTOR Power Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR150 Datasheet(HTML) 6 Page - California Micro Devices Corp

  CMPWR150 Datasheet HTML 1Page - California Micro Devices Corp CMPWR150 Datasheet HTML 2Page - California Micro Devices Corp CMPWR150 Datasheet HTML 3Page - California Micro Devices Corp CMPWR150 Datasheet HTML 4Page - California Micro Devices Corp CMPWR150 Datasheet HTML 5Page - California Micro Devices Corp CMPWR150 Datasheet HTML 6Page - California Micro Devices Corp CMPWR150 Datasheet HTML 7Page - California Micro Devices Corp CMPWR150 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©1999 California Micro Devices Corp. All rights reserved.
9/99
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
6
CMPWR150
CALIFORNIA MICRO DEVICES
V
CC Power-up (VAUX =3.3V). Figure 6 shows the output
response as V
CC approaches the select threshold during a
power-up when V
AUX is present (3.3V). The output capacitor
is already fully charged. When V
CC reaches the select threshold,
the in-rush current is minimal and the V
CC disturbance is only
130mV. The built-in hysteresis of 250mV ensures the regulator
remains enabled throughout the transient.
V
OUT offset = 3.3V, VCC offset = 4.3V
V
CC Power-up (VAUX =3.0V). Figure 7 shows the output
response as V
CC approaches the select threshold during
power-up. The auxiliary voltage, V
AUX is set to a low level
of 3.0V. When V
CC reaches the select threshold, a modest
level of in-rush current is required to further charge the
output capacitor resulting in V
CC disturbance of 200mV.
The built-in hysteresis of 250mV ensures the regulator
remains enabled throughout the transient.
V
OUT offset = 3.3V, VCC offset = 4.3V
Typical Transient Characteristics (continued)
Figure 6. V
CC Power-up (VAUX =3.3V).
V
CC Power-down (VAUX = 3.3V).
Figure 8 shows the
output response as V
CC approaches the deselect threshold
during a power-down transition. V
AUX of 3.3V remains
present. When V
CC reaches the deselect threshold (4.1V),
the regulator turns off. This causes a step change reduction
in V
CC current resulting in a small voltage increase at the
V
CC input. This disturbance is approximately 100mV and
the built-in hysteresis of 250mV ensures the regulator
remains disabled throughout the transient. The output
voltage experiences a disturbance of approximately 100mV
during the transition.
V
OUT offset = 3.3V, VCC offset = 4.3V
Figure 7. V
CC Power-up (VAUX =3.0V).
Figure 8. V
CC Power-down (VAUX = 3.3V).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com