Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CMPWR150
Description  500mA/3.3V SMARTOR Power Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR150 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CMPWR150 Datasheet HTML 1Page - California Micro Devices Corp CMPWR150 Datasheet HTML 2Page - California Micro Devices Corp CMPWR150 Datasheet HTML 3Page - California Micro Devices Corp CMPWR150 Datasheet HTML 4Page - California Micro Devices Corp CMPWR150 Datasheet HTML 5Page - California Micro Devices Corp CMPWR150 Datasheet HTML 6Page - California Micro Devices Corp CMPWR150 Datasheet HTML 7Page - California Micro Devices Corp CMPWR150 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©1999 California Micro Devices Corp. All rights reserved.
9/99
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CMPWR150
CALIFORNIA MICRO DEVICES
Note 1: The SOIC package used is thermally enhanced through the use of a fused integral leadframe. The power rating is based on a printed
circuit board heat spreading capability equivalent to 2 square inches of copper connected to the GND pins. Typical multi-layer boards
using power plane construction will provide this heat spreading ability without the need for additional dedicated copper area. (Please
consult with factory for thermal evaluation assistance.)
Note 2: The hysteresis defines the maximum level of acceptable disturbance on V
CC during switching. It is recommended that the VCC source
impedance be kept below 0.25
Ω to ensure the switching disturbance remains below the hysteresis during select/deselect transitions.
An input capacitor may be required to help minimize the switching transient.
Note 3: Ground pin current consists of controller current (0.15mA) and regulator current if enabled. The controller always draws 0.15mA from
either V
CC or VOUT , whichever is greater. All regulator current is supplied exclusively from VCC . At high load currents a small increase
occurs due to current limit protection circuitry.
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
T
A
R
E
P
O
L
A
C
I
R
T
C
E
L
E
)
e
s
i
w
r
e
h
t
o
d
e
i
f
i
c
e
p
s
s
s
e
l
n
u
s
n
o
i
t
i
d
n
o
c
g
n
i
t
a
r
e
p
o
r
e
v
o
(
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
CN
I
MP
Y
TX
A
MT
I
N
U
V T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
r
o
t
a
l
u
g
e
RI
>
A
m
0
0
5
D
A
O
L
A
m
0
>5
3
1
.
30
3
.
35
6
4
.
3V
I T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
r
o
t
a
l
u
g
e
R
0
0
50
0
8A
m
V
L
E
S
C
C
e
g
a
tl
o
V
t
c
e
l
e
Sd
e
l
b
a
n
E
r
o
t
a
l
u
g
e
R5
3
.
45
4
.
4
V
S
E
D
C
C
e
g
a
tl
o
V
t
c
e
l
e
s
e
Dd
e
l
b
a
s
i
D
r
o
t
a
l
u
g
e
R0
9
.
30
1
.
4V
V
T
S
Y
H
C
C
e
g
a
tl
o
V
s
is
e
r
e
t
s
y
Hs
is
e
r
e
t
s
y
H
2
e
t
o
N
5
2
.
0
I C/
S
t
n
e
r
r
u
C
t
u
p
t
u
O
ti
u
c
ri
C
t
r
o
h
SV C
C
V
,
V
5
=
T
U
O
V
0
=0
0
2
1A
m
I C
C
R
V C
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
n
i
PV T
U
O
V
,
V
3
.
3
=
C
C
V
0
=5
0
5
mA
V
D
A
O
L
R
n
o
it
a
l
u
g
e
R
d
a
o
LV C
C
I
,
V
5
=
D
A
O
L
A
m
0
0
5
o
t
A
m
0
5
=5
7V
m
V
E
N
I
L
R
n
o
it
a
l
u
g
e
R
e
n
i
LV C
C
I
,
V
5
.
5
o
t
V
5
.
4
=
D
A
O
L
A
m
5
=2
V
m
I C
C
t
n
e
r
r
u
c
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QV C
C
V
>
,
L
E
S
C
C
I D
A
O
L
A
m
0
=0
.
10
.
3
V
S
E
D
C
C
V
>
C
C
V
>
T
U
O
5
1
.
05
2
.
0A
m
V T
U
O
V
>
C
C
1
0
.
02
0
.
0
I D
N
G
t
n
e
r
r
u
C
n
i
P
d
n
u
o
r
G
3
e
t
o
N
d
e
l
b
a
s
i
D
r
o
t
a
l
u
g
e
R5
1
.
00
3
.
0
V C
C
I
,
V
5
=
D
A
O
L
A
m
5
=0
.
15
.
2A
m
V C
C
I
,
V
5
=
D
A
O
L
A
m
0
0
5
=2
.
10
.
3
R H
O
e
c
n
a
t
s
is
e
R
p
u
-l
l
u
P
e
v
ir
DR
P
U
L
L
U
P
V
o
t
C
C
V
,
C
C
V
>
L
E
S
C
C
0
0
10
0
4
W
R L
O
e
c
n
a
t
s
is
e
R
n
w
o
d
-l
l
u
P
e
v
ir
DR
N
W
O
D
L
L
U
P
V
,
D
N
G
o
t
S
E
D
C
C
V
>
C
C
0
0
20
0
4
t H
D
y
a
l
e
D
h
g
i
H
e
v
ir
DC
E
V
I
R
D
V
,F
n
1
=
C
C t
E
S
I
R
s
n
0
0
1
<0
.
1
ms
t L
D
y
a
l
e
D
w
o
L
e
v
ir
DC
E
V
I
R
D
V
,F
n
1
=
C
C t
L
L
A
F
s
n
0
0
1
<2
.
0
S
G
N
I
T
A
R
M
U
M
I
X
A
M
E
T
U
L
O
S
B
A
r
e
t
e
m
a
r
a
Pg
n
it
a
Rti
n
U
)
M
B
H
(
n
o
it
c
e
t
o
r
P
D
S
E0
0
0
2V
V C
C
e
g
a
tl
o
V
t
u
p
n
I5
.
0
-
d
n
G
,
0
.
6
+V
e
g
a
tl
o
V
c
i
g
o
L
e
v
ir
DV C
C
5
.
0
-
d
n
G
,
5
.
0
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
5
1
+
o
t
0
4
-
oC
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O0
7
+
o
t
0
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O5
2
1
+
o
t
0
3
6
2
-
O
T
:
n
o
it
a
p
is
si
D
r
e
w
o
P
C
I
O
S
1
e
t
o
N
0
.
1W
S
N
O
I
T
I
D
N
O
C
G
N
I
T
A
R
E
P
O
r
e
t
e
m
a
r
a
Pe
g
n
a
Rti
n
U
V C
C
5
.
0
±
0
.
5V
)t
n
e
i
b
m
A
(
e
r
u
t
a
r
e
p
m
e
T0
7
+
o
t
0
oC
t
n
e
r
r
u
C
d
a
o
L0
0
5
o
t
0A
m
C T
X
E
%
0
1
±
0
1
mF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com