Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CMPWR150
Description  500mA/3.3V SMARTOR Power Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR150 Datasheet(HTML) 8 Page - California Micro Devices Corp

  CMPWR150 Datasheet HTML 1Page - California Micro Devices Corp CMPWR150 Datasheet HTML 2Page - California Micro Devices Corp CMPWR150 Datasheet HTML 3Page - California Micro Devices Corp CMPWR150 Datasheet HTML 4Page - California Micro Devices Corp CMPWR150 Datasheet HTML 5Page - California Micro Devices Corp CMPWR150 Datasheet HTML 6Page - California Micro Devices Corp CMPWR150 Datasheet HTML 7Page - California Micro Devices Corp CMPWR150 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
©1999 California Micro Devices Corp. All rights reserved.
9/99
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
8
CMPWR150
CALIFORNIA MICRO DEVICES
The CMPWR150TO therefore requires no additional heat
sinking. All thermal characteristics were measured with the
TO-263 package using minimum size solder pads and tab.
Measurements showing performance up to maximum
junction temperature of 125°C were performed under light
load conditions (5mA). This allows the ambient
temperature to be representative of the internal junction
temperature.
Output Voltage vs. Temperature. Figure 12 shows
the regulator VOUT performance up to the maximum rated
junction temperature. The overall 100°C variation in
junction temperature causes an output voltage change of
about 30mV, reflecting a voltage temperature coefficient
of 90ppm/°C.
Output Voltage (500mA) vs. Temperature. Figure 13
shows the regulator steady state performance when fully
loaded (500mA) in an ambient temperature up to the rated
maximum of 70°C. The output variation at maximum load is
approximately 25mV across the normal temperature range.
Typical Thermal Characteristics (continued)
Figure 12. Output Voltage vs. Temperature.
Thresholds vs. Temperature. Figure 14 shows the
regulator select/deselect threshold variation up to the
maximum rated junction temperature. The overall 100°C
change in junction temperature causes a 30mV variation
in the select threshold voltage (regulator enable). The
deselect threshold level varies about 50mV over the 100°C
change in junction temperature. This results in the built-
in hysteresis having minimal variation over the entire
operating junction temperature range.
Figure 14. Thresholds vs. Temperature.
Figure 13. Output Voltage (500mA) vs. Temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com