Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CMPWR150
Description  500mA/3.3V SMARTOR Power Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR150 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CMPWR150 Datasheet HTML 1Page - California Micro Devices Corp CMPWR150 Datasheet HTML 2Page - California Micro Devices Corp CMPWR150 Datasheet HTML 3Page - California Micro Devices Corp CMPWR150 Datasheet HTML 4Page - California Micro Devices Corp CMPWR150 Datasheet HTML 5Page - California Micro Devices Corp CMPWR150 Datasheet HTML 6Page - California Micro Devices Corp CMPWR150 Datasheet HTML 7Page - California Micro Devices Corp CMPWR150 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 1999 California Micro Devices Corp. All rights reserved.
9/99
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3
CMPWR150
CALIFORNIA MICRO DEVICES
Interface Signals
V
CC is the power source for the internal regulator and is
monitored continuously by an internal controller circuit.
Whenever V
CC exceeds VCCSEL (4.35V typically), the internal
regulator (500mA max) will be enabled and deliver a fixed
3.3V at V
OUT. When VCC falls below VCCDES (4.10V typically)
the regulator will be disabled
Internal loading on this pin is typically 1.0mA when the
regulator is enabled, which reduces to 0.15mA whenever
the regulator is disabled. If V
CC falls below the voltage on
the V
OUT pin the VCC loading will further reduce to only a
few microamperes.
During a V
CC power up sequence, there will be an effective
step increase in V
CC line current when the regulator is
enabled. The amplitude of this step increase will depend
on the dc load current and any necessary current required
for charging/discharging the load capacitance. This line
current transient will cause a voltage disturbance at the V
CC
pin. The magnitude of the disturbance will be directly
proportional to the effective power supply source
impedance being delivered to the V
CC input.
To prevent chatter during Select and Deselect transitions, a
built-in hysteresis voltage of 250mV has been incorporated.
It is recommended that the power supply connected to
the V
CC input should have a source resistance of less than
0.25Ω to minimize the event of chatter during the enabling/
disabling of the regulator.
An input filter capacitor in close proximity to the V
CC pin
will reduce the effective source impedance and help
minimize any disturbances. If the V
CC pin is within a few
inches of the main input filter, a capacitor may not be
necessary. Otherwise an input filter capacitor in the range
of 1uF to 10uF will ensure adequate filtering.
GND is the negative reference for all voltages. The current
that flows in the ground connection is very low (typically
1.0mA) and has minimal variation over all load conditions.
V
OUT is the regulator output voltage connection used to
power the load. An output capacitor of ten microfarads is
used to provide the necessary phase compensation, thereby
preventing oscillation. The capacitor also helps to minimize
the peak output disturbance during power supply
changeover.
When V
CC falls below VOUT, then VOUT will be used to provide
the necessary quiescent current for the internal reference
circuits. This ensures excellent start-up characteristics for
the regulator.
DRIVE is an active LOW logic output intended to be used
as the control signal for driving an external PFET whenever
the regulator is disabled. This will allow the voltage at V
OUT
to be powered from an auxiliary supply voltage (3.3V).
The Drive pin is pulled HIGH to V
CC whenever the regulator
is enabled. This ensures that the auxiliary remains isolated
during normal regulator operation.
n.c. pins are electrically isolated from the internal circuitry.
These pins can be connected to any external voltage level
without impacting the device funtionality.
S
N
O
I
T
C
N
U
F
N
I
P
l
o
b
m
y
Sn
o
it
p
ir
c
s
e
D
V C
C
V
n
e
h
W
.r
o
t
a
l
u
g
e
r
r
o
f
t
u
p
n
i
y
l
p
p
u
S
e
v
it
is
o
P
C
C
.
d
e
l
b
a
s
i
d
s
i
r
o
t
a
l
u
g
e
r
e
h
t
,
V
1
.
4
w
o
l
e
b
s
ll
a
f
D
N
G.
s
e
g
a
tl
o
v
ll
a
r
o
f
e
c
n
e
r
e
f
e
r
e
v
it
a
g
e
N
V T
U
O
n
e
h
w
r
o
t
a
l
u
g
e
r
)
V
3
.
3
(
t
u
p
t
u
o
e
g
a
tl
o
v
r
o
t
a
l
u
g
e
RV C
C
n
e
h
W
.t
n
e
s
e
r
p
s
iV C
C
e
h
t
,t
n
e
s
e
r
p
t
o
n
s
i
V
n
o
e
g
a
tl
o
v
T
U
O
.
s
e
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
e
h
t
s
a
i
b
o
t
d
e
s
u
s
i
e
v
ir
D
y
r
a
il
i
x
u
a
n
a
g
n
it
c
e
l
e
s
r
o
f
h
c
ti
w
s
S
O
M
P
l
a
n
r
e
t
x
e
l
o
r
t
n
o
c
o
t
d
e
d
n
e
t
n
i
t
u
p
t
u
O
c
i
g
o
L
S
O
M
C
V
n
e
h
w
y
l
p
p
u
s
e
g
a
tl
o
v
C
C
.t
n
e
s
e
r
p
t
o
n
s
i
.
c
.
n
.
y
r
ti
u
c
ri
c
l
a
n
r
e
t
n
i
m
o
r
f
d
e
t
a
l
o
s
i
y
ll
a
c
ir
t
c
e
l
e
e
r
a
h
c
i
h
w
s
n
i
p
d
e
t
c
e
n
n
o
c
n
U



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com