Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924UTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6924UTR
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924UTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6924UTR Datasheet HTML 14Page - STMicroelectronics L6924UTR Datasheet HTML 15Page - STMicroelectronics L6924UTR Datasheet HTML 16Page - STMicroelectronics L6924UTR Datasheet HTML 17Page - STMicroelectronics L6924UTR Datasheet HTML 18Page - STMicroelectronics L6924UTR Datasheet HTML 19Page - STMicroelectronics L6924UTR Datasheet HTML 20Page - STMicroelectronics L6924UTR Datasheet HTML 21Page - STMicroelectronics L6924UTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Applications information: charging process
L6924U
18/37
Doc ID 14716 Rev 2
The battery is considered deeply discharged when its voltage is lower than a threshold
(VPRETH), internally set to 3 V.
During the pre-charge phase, the current (IPRECH) has a default value equal to 10 % of the
fast-charge current.
A safety timer is also present. If the battery voltage does not rise over VPRETH within this
time, a fault is given (Chapter 7.7: Maximum charging time on page 21).
If at the beginning of the charge process, the battery voltage is higher than the VPRETH, the
pre-charge phase is skipped.
7.2
AC or USB mode
The L6924U can charge batteries from both an AC adapter and USB inputs.
The power supply type can be chosen by driving the MODE pin.
A low level sets the L6924U in AC mode. The fast charge current is determined by the
resistor connected to the IAC pin (Chapter 7.3: Fast charge phase), regardless of the resistor
connected to IUSB.
On the other hand, a high level at the MODE pin sets the L6924U in USB mode. The fast
charge current is determined by the resistor connected to the IUSB pin (Chapter 7.3: Fast
charge phase
), regardless of the resistor connected to IAC.
Figure 10.
MODE pin selection
7.3
Fast charge phase
When the battery voltage reaches the pre-charge voltage threshold (VPRETH), the L6924U
enters the fast-charge phase.
In this phase the device charges the battery with a constant current, whose value can be set
by external resistors connected to IAC pin (AC adapter mode selected) or to IUSB pin (USB
mode) with an accuracy of 7 %.
In AC adapter mode (MODE pin low), the resistor RAC can be calculated as:
I
AC
R
AC
L6924U
MODE
AC adapter mode
R
USB
I
AC
R
AC
L6924U
MODE
USB mode
R
USB
I
USB
V
IN
I
USB
Sets the fast charge current
Sets the fast charge current
I
AC
R
AC
L6924U
MODE
AC adapter mode
R
USB
I
AC
R
AC
L6924U
MODE
USB mode
R
USB
I
USB
V
IN
I
USB
Sets the fast charge current
Sets the fast charge current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com